Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST31LF043A Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST31LF043A
Description  4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST31LF043A Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST31LF043A Datasheet HTML 1Page - Silicon Storage Technology, Inc SST31LF043A Datasheet HTML 2Page - Silicon Storage Technology, Inc SST31LF043A Datasheet HTML 3Page - Silicon Storage Technology, Inc SST31LF043A Datasheet HTML 4Page - Silicon Storage Technology, Inc SST31LF043A Datasheet HTML 5Page - Silicon Storage Technology, Inc SST31LF043A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST31LF043A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST31LF043A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST31LF043A Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
Data Sheet
4 Mbit Flash + 1 Mbit or 256 Kbit SRAM ComboMemory
SST31LF041 / SST31LF041A / SST31LF043 / SST31LF043A
©2001 Silicon Storage Technology, Inc.
S71107-03-000
5/01
349
devices significantly improve performance and reliability,
while lowering power consumption, when compared with
multiple chip solutions. The SST31LF041/041A/043/043A
inherently use less energy during Erase and Program than
alternative flash technologies. When programming a flash
device, the total energy consumed is a function of the
applied voltage, current, and time of application. Since for
any given voltage range, the SuperFlash technology uses
less current to program and has a shorter Erase time, the
total energy consumed during any Erase or Program oper-
ation is less than alternative flash technologies. The mono-
lithic ComboMemory eliminates redundant functions when
using two separate memories of similar architecture; there-
fore, reducing the total power consumption.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles.
The SST31LF041/041A/043/043A devices also improve
flexibility by using a single package and a common set of
signals to perform functions previously requiring two sepa-
rate devices. To meet high density, surface mount require-
ments, the SST31LF041/043 device is offered in 40-lead
TSOP package and the SST31LF041A/043A device is
offered in 32-lead TSOP package. See Figures 1 and 2 for
the pinouts.
Device Operation
The ComboMemory uses BES# and BEF# to control oper-
ation of either the SRAM or the flash memory bank. Bus
contention is eliminated as the monolithic device will not
recognize both bank enables as being simultaneously
active. If both bank enables are asserted (i.e., BEF# and
BES# are both low), the BEF# will dominate while the
BES# is ignored and the appropriate operation will be exe-
cuted in the flash memory bank. SST does not recommend
that both bank enables be simultaneously asserted. All
other address, data, and control lines are shared which
minimizes power consumption and area. The device goes
into standby when both bank enables are raised to VIHC.
See Table 3 for SRAM operation mode selection.
For SST31LF041A/043A only: BES# and OE# share
pin 32. During SRAM operation, pin 32 will function as
BES#. During flash operation, pin 32 will function as OE#.
When pin 32 (OE#/BES#) is high, the data bus is in high
impedance state.
SRAM Operation
With BES# low and BEF# high, the SST31LF041/041A
operate
as
a
128K
x8
CMOS
SRAM
and
the
SST31LF043/043A operate as 32K x8 CMOS SRAM, with
fully static operation requiring no external clocks or timing
strobes. The SRAM is mapped into the first 128 KByte
address space of the device for 041/041A or 32 KByte for
043/043A. Read and Write cycle times are equal.
SRAM Read
The SRAM Read operation of the SST31LF041/041A/
043/043A are controlled by OE# and BES#, both have to
be low with WE# high, for the system to obtain data from
the outputs. BES# is used for SRAM bank selection.
When BES# and BEF# are high, both memory banks are
deselected. OE# is the output control and is used to gate
data from the output pins. The data bus is in high imped-
ance state when OE# is high. See Figure 3 for the Read
cycle timing diagram.
SRAM Write
The SRAM Write operation of the SST31LF041/041A/043/
043A is controlled by WE# and BES#; both have to be low
for the system to write to the SRAM. BES# is used for
SRAM bank selection. During the Byte-Write operation, the
addresses and data are referenced to the rising edge of
either BES# or WE#, whichever occurs first. The Write time
is measured from the last falling edge to the first rising edge
of BES# and WE#. OE# can be VIL or VIH, but no other
value, for SRAM Write operations. See Figure 4 for the
SRAM Write cycle timing diagram.
Flash Operation
With BEF# active, the SST31LF041/041A/043/043A oper-
ate as a 512K x8 flash memory. The flash memory bank is
read using the common address lines, data lines, WE# and
OE#. Erase and Program operations are initiated with the
JEDEC standard SDP command sequences. Address and
data are latched during the SDP commands and internally
timed Erase and Program operations. See Table 3 for flash
operation mode selection.
Flash Read
The Read operation of the SST31LF041/041A/043/043A
devices are controlled by BEF# and OE#; both have to be
low, with WE# high, for the system to obtain data from the
outputs. BEF# is used for flash memory bank selection.
When BEF# and BES# are high, both banks are dese-
lected and only standby power is consumed. OE# is the


Similar Part No. - SST31LF043A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST31LF041 SST-SST31LF041 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041-70-4C-WI SST-SST31LF041-70-4C-WI Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041-70-4E-WI SST-SST31LF041-70-4E-WI Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041A SST-SST31LF041A Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041A-300-4C-WH SST-SST31LF041A-300-4C-WH Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results

Similar Description - SST31LF043A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021 SST-SST31LF021 Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST34HF324G SST-SST34HF324G Datasheet
496Kb / 30P
   32 Mbit Dual-Bank Flash 4 Mbit SRAM ComboMemory
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST34HF162G SST-SST34HF162G Datasheet
383Kb / 31P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST34HF162C SST-SST34HF162C Datasheet
336Kb / 26P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com