Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3825-50DBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS3825-50DBVRG4
Description  PROCESSOR SUPERVISORY CIRCUITS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3825-50DBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS3825-50DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS3825-50DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS3825-50DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS3825-50DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS3825-50DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS3825-50DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS3825-50DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3825-50DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3825-50DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TPS382x-xx,
TPS382xA-xx
SLVS165H − APRIL 1998 − REVISED JULY 2012
www.ti.com
5
ELECTRICAL CHARACTERISTICS
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS382x-25
VDD = VIT− + 0.2 V
IOH = −20 μA
08 × V
RESET
TPS382x-30
TPS382x-33
VDD = VIT− + 0.2 V
IOH = −30 μA
0.8 × VDD
V
TPS382x-50
VDD = VIT− + 0.2 V
IOH = −120 μA
VDD − 1.5 V
VOH
High-level output voltage
TPS3824-25
TPS3825-25
VDD ≥ 1.8 V, IOH = −100 μA
RESET
TPS3824-30
TPS3825-30
08 × V
V
RESET
TPS3824-33
TPS3825-33
VDD ≥ 1.8 V, IOH = −150 μA
0.8 × VDD
V
TPS3824-50
TPS3825-50
TPS3824-25
TPS3825-25
VDD = VIT− + 0.2 V
IOL = 1 mA
RESET
TPS3824-30
TPS3825-30
VDD = VIT− + 0.2 V
04
V
RESET
TPS3824-33
TPS3825-33
VDD = VIT− + 0.2 V
IOL = 1.2 mA
0.4
V
VOL
Low-level output voltage
TPS3824-50
TPS3825-50
VDD = VIT− + 0.2 V
IOL = 3 mA
TPS382x-25
VDD = VIT− − 0.2 V
IOL = 1 mA
RESET
TPS382x-30
VDD = VIT− −0.2 V
04
V
RESET
TPS382x-33
VDD = VIT− 0.2 V
IOL = 1.2 mA
0.4
V
TPS382x-50
VDD = VIT− − 0.2 V
IOL = 3 mA
Power-up reset voltage(1)
VDD ≥ 1.1 V, IOL = 20 μA
0.4
V
TPS382x-25
2.21
2.25
2.30
TPS382x-30
T
0°C to 85°C
2.59
2.63
2.69
V
TPS382x-33
TA = 0°C to +85°C
2.88
2.93
3
V
V
Negative-going input threshold
TPS382x-50
4.49
4.55
4.64
VIT−
Negative going input threshold
voltage(2)
TPS382x-25
2.20
2.25
2.30
g
TPS382x-30
T
40°C to +85°C
2.57
2.63
2.69
V
TPS382x-33
TA = −40°C to +85°C
2.86
2.93
3
V
TPS382x-50
4.46
4.55
4.64
TPS382x-25
V
Hysteresis at V
input
TPS382x-30
30
mV
Vhys
Hysteresis at VDD input
TPS382x-33
30
mV
TPS382x-50
50
(1) The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 μs/V.
(2) To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1 μF) should be placed near the supply terminals.


Similar Part No. - TPS3825-50DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3825-50DBVRG4 TI-TPS3825-50DBVRG4 Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVRG4 TI-TPS3825-50DBVRG4 Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVRG4 TI-TPS3825-50DBVRG4 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVRG4 TI1-TPS3825-50DBVRG4 Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3825-50DBVRG4 TI1-TPS3825-50DBVRG4 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Similar Description - TPS3825-50DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com