Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40210-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40210-Q1
Description  4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40210-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS40210-Q1 Datasheet HTML 1Page - Texas Instruments TPS40210-Q1 Datasheet HTML 2Page - Texas Instruments TPS40210-Q1 Datasheet HTML 3Page - Texas Instruments TPS40210-Q1 Datasheet HTML 4Page - Texas Instruments TPS40210-Q1 Datasheet HTML 5Page - Texas Instruments TPS40210-Q1 Datasheet HTML 6Page - Texas Instruments TPS40210-Q1 Datasheet HTML 7Page - Texas Instruments TPS40210-Q1 Datasheet HTML 8Page - Texas Instruments TPS40210-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
TPS40210-Q1, TPS40211-Q1
SLVS861D – AUGUST 2008 – REVISED APRIL 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
ORDERABLE
TOP-SIDE
TJ
VFB (TYP)
PACKAGE(2)
PART NUMBER
MARKING
700 mV
MSOP PowerPAD™ – DGQ
Reel of 2500
TPS40210QDGQRQ1
4210Q
–40°C to 125°C
260 mV
MSOP PowerPAD™ – DGQ
Reel of 2500
TPS40211QDGQRQ1
4211Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
DEVICE RATINGS
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1)
VDD
–0.3 V to 52 V
Input voltage range
RC, SS, FB, DIS/EN
–0.3 V to 10 V
ISNS
–0.3 V to 8 V
Output voltage range
COMP, BP, GDRV
–0.3 V to 9 V
TJ
Operating junction temperature range
–40°C to 150°C
Tstg
Storage temperature range
–55°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VVDD
Input voltage
4.5
52
V
TJ
Operating junction temperature
–40
125
°C
PACKAGE DISSIPATION RATINGS
AIRFLOW
RqJA HIGH-K BOARD
(1)
POWER RATING (W)
POWER RATING (W)
PACKAGE
(LFM)
(°C/W)
TA = 25°C
TA = 85°C
10-Pin MSOP PowerPAD
0 (Natural Convection)
57.7
1.73
0.693
(DGQ)
(1)
Ratings based on JEDEC high thermal conductivity (High K) board. For more information on the test method, see TI technical brief
SZZA017.
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
TYP
UNIT
Human-Body Model (HBM)
1500
V
Charged-Device Model (CDM)
1500
2
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS40210-Q1 TPS40211-Q1


Similar Part No. - TPS40210-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI-TPS40210-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS4021x-Q1 4.5-V to 52-V Input, Current-Mode Boost Controllers
More results

Similar Description - TPS40210-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210-Q1 TI-TPS40210-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS4021x-Q1 4.5-V to 52-V Input, Current-Mode Boost Controllers
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com