Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43340QPHPQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS43340QPHPQ1
Description  LOW IQ, 30 關A, HIGH VIN QUAD-OUTPUT POWER SUPPLY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43340QPHPQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS43340QPHPQ1 Datasheet HTML 3Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 4Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 5Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 6Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 7Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 8Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 9Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 10Page - Texas Instruments TPS43340QPHPQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TPS43340-Q1
www.ti.com
SLVSB16B – NOVEMBER 2011 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS (continued)
VIN = VLR1 = 8 V to 18 V, VSUP = 4 V to 10 V, VIN2SENSE = 4V to 40V, TJ = -40°C to 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
External Clock and Enable Inputs: SYNC. EN1, EN2, EN3, EN4
VIH
Higher threshold
VIN = 13 V
1.7
V
VIL
Lower threshold
VIN = 13 V
0.7
V
RIH
Pull-down resistance
VSYNC = 5 V, SYNC pull-down resistance
500
k
Ω
IiL_ENx
Pull-up current
VENx = 0V ENx pull up current source
0.5
2
µA
Linear Regulator LREG1
VLREG1
Regulated output range
IL = 10 µA to 300 mA
0.8
5.25
V
VRef
Internal reference voltage tolerance
Referred to 0.8 V VREF, measured at VSENSE4
-2.5
2.5
%
∆VOUT, Vout = 5 V
15
VIN = VLR1: 6 V to
Vline-reg
Line reg
∆VOUT, Vout = 3.3 V
15
mV
28 V, IOUT 4 = 10 mA,
∆VOUT, Vout = 1.5 V
15
∆VOUT, Vout = 5 V
10
IOUT4 = 10 mA to
Vload-reg
Load reg
∆VOUT, Vout = 3.3 V
10
mV
300 mA, VIN = 14 V
∆VOUT, Vout = 1.5 V
10
VIN = VLR1 = 4 V: Iout = 250 mA
500
VDropout
Drop out voltage
mV
VIN = 9 V, VLR1 = 4 V: Iout = 150 mA
300
IOUT4
Output current
VOUT in regulation
0.01
300
mA
ILREG1-CL
Output current limit
VOUT = 0 V
400
1000
mA
dVLREG1/dt
Output soft start slew rate
Response of regulator on enable IOUT = 0 to Iout (max)
5
V/ms
Freq = 100 Hz
60
Vripple = 0.5 VPP, IOUT
PSRR
Power supply ripple rejection
dB
= 300 mA
Freq = 150 kHz
25
COUT4
Output capacitor range
Ceramic capacitor, COUT_ESR = 10 m
Ω to 1 Ω
1
47
µF
Charge pump turn-off voltage
VIN rising
9.4
V
VTH-CP ONp
Hysteresis
0.18
V
IOUT4 falling
2
ITH-CP-OFF
Low load current detection threshold
mA
Hysteresis
4
Soft Start SSx
ISSx
Soft start source current
SSx = 0 V
0.75
1
1.25
µA
Reset RSTx
RSTpullup
RST1, RST2, RST4 Pullup
Internal pullup to S2 respectively S4, LREG1
50
k
Ω
RSTxth1
Reset threshold
VSENSEx falling
-5
-7
-9.5
%VREF
RSTxhys
Hysteresis
2
%VREF
IRSTx = 5 mA
450
mV
RSTxdrop
Voltage drop
IRSTx = 1 mA
100
mV
RSTxleak
Leakage
VS2 = VS4 = VRSTx = 13 V / 8V for RST4
1
µA
tdeglitch
Deglitch time
Power good deglitch
2
16
µs
tdelay
Reset release delay
External capacitor = 1 nF
1
ms
tdelay_fix
Fixed reset delay
No external capacitor, Rdelay pin open
20
50
µs
Ioh
Charge current source
Current to charge external capacitor
30
40
50
µA
Iil
Discharge current sink
Current to discharge external capacitor
30
40
50
µA
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS43340-Q1


Similar Part No. - TPS43340QPHPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43340QPHPRQ1 TI1-TPS43340QPHPRQ1 Datasheet
1Mb / 44P
[Old version datasheet]   Quad-Output Power Supply
More results

Similar Description - TPS43340QPHPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad-Output Power Supply
logo
Linear Technology
LTC3834 LINER-LTC3834 Datasheet
426Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1 Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
   Single Supply VIN, Low VIN, Low VOUT, 3ALDO
logo
Extech Instruments Corp...
382270 EXTECH-382270 Datasheet
150Kb / 8P
   High Precision Quad Output DC Power Supply
logo
RICOH electronics devic...
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Extech Instruments Corp...
382270 EXTECH-382270_15 Datasheet
151Kb / 1P
   Quad Output DC Power Supply
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
   250W Quad Output Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com