Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43350-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43350-Q1
Description  LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43350-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS43350-Q1 Datasheet HTML 4Page - Texas Instruments TPS43350-Q1 Datasheet HTML 5Page - Texas Instruments TPS43350-Q1 Datasheet HTML 6Page - Texas Instruments TPS43350-Q1 Datasheet HTML 7Page - Texas Instruments TPS43350-Q1 Datasheet HTML 8Page - Texas Instruments TPS43350-Q1 Datasheet HTML 9Page - Texas Instruments TPS43350-Q1 Datasheet HTML 10Page - Texas Instruments TPS43350-Q1 Datasheet HTML 11Page - Texas Instruments TPS43350-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TPS43350-Q1
TPS43351-Q1
SLVSAR7B – JUNE 2011 – REVISED MAY 2012
www.ti.com
PIN FUNCTIONS (continued)
NAME
NO.
I/O
DESCRIPTION
External high-side N-channel MOSFET for buck regulator BuckA can be driven from this output. The output
GA1
6
O
provides high peak currents to drive capacitive loads. The gate drive is referred to a floating ground reference
provided by PHA and has a voltage swing provided by CBA.
External low-side N-channel MOSFET for buck regulator BuckA can be driven from this output. The output
GA2
8
O
provides high peak currents to drive capacitive loads. The voltage swing on this pin is provided by VREG.
External high-side N-channel MOSFET for buck regulator BuckB can be driven from this output. The output
GB1
33
O
provides high peak currents to drive capacitive loads. The gate drive is referred to a floating ground reference
provided by PHB and has a voltage swing provided by CBB.
External low-side N-channel MOSFETs forbuck regulator BuckB can be driven from this output. The output
GB2
31
O
provides high peak currents to drive capacitive loads. The voltage swing on this pin is provided by VREG.
A floating output drive to control the external P-channel MOSFET is available at this pin. This MOSFET can be
GC2
4
O
used to bypass a reverse-protection diode, and thus reduce power losses.
2, 3,
NC
18,
36
PGNDA
9
O
Power ground connection to the source of the low-side N-channel MOSFETs of BuckA.
PGNDB
30
O
Power ground connection to the source of the low-side N-channel MOSFETs of BuckB
Open-drain power-good indicator pin for BuckA. An internal power-good comparator monitors the voltage at the
PGA
15
O
feedback pin and pulls this output low when the output voltage falls below 93% of the set value.
Open-drain power-good indicator pin for BuckB. An internal power-good comparator monitors the voltage at the
PGB
24
O
feedback pin and pulls this output low when the output voltage falls below 93% of the set value.
Switching terminal of buck regulator BuckA, providing a floating ground reference for the high-side MOSFET gate-
PHA
7
O
driver circuitry and used to sense current reversal in the inductor when discontinuous-mode operation is desired.
Switching terminal of buck regulator BuckB, providing a floating ground reference for the high-side MOSFET gate-
PHB
32
O
driver circuitry and used to sense current reversal in the inductor when discontinuous-mode operation is desired.
The operating switching frequency of the buck controllers is set by connecting a resistor to ground on this pin. A
RT
22
O
short circuit to ground on this pin defaults operation to 400 kHz for the buck controllers.
SA1
10
I
High-impedance differential-voltage inputs from the current-sense element (sense resistor or inductor DCR) for
each buck controller. The current-sense element should be chosen to set the maximum current through the
inductor based on the current-limit threshold (subject to tolerances) and considering the typical characteristics
SA2
11
I
across duty cycle and VIN. (SA1 positive node, SA2 negative node)
SB1
29
I
High-Impedance differential-voltage inputs from the current-sense element (sense resistor or inductor DCR) for
each buck controller. The current-sense element should be chosen to set the maximum current through the
inductor based on the current-limit threshold (subject to tolerances) and considering the typical characteristics
SB2
28
I
across duty cycle and VIN. (SB1 positive node, SB2 negative node)
Soft-start or tracking input for buck controller BuckA. The buck controller regulates the FBA voltage to the lower of
0.8 V or the SSA pin voltage. An internal pullup current source of 1 µA is present at the pin, and an appropriate
SSA
14
O
capacitor connected here can be used to set the soft-start ramp interval. A resistor divider connected to another
supply can also be used to provide a tracking input to this pin.
Soft-start or tracking input for buck controller BuckB. The buck controller regulates the FBB voltage to the lower of
0.8 V or the SSB pin voltage. An internal pullup current source of 1 µA is present at the pin, and an appropriate
SSB
25
O
capacitor connected here can be used to set the soft-start ramp interval. A resistor divider connected to another
supply can also be used to provide a tracking input to this pin.
If an external clock is present on this pin, the device detects it, and the internal PLL locks on to the external clock.
This overrides the internal oscillator frequency. The device can synchronize to frequencies from 150 kHz to 600
kHz. A high logic level on this pin ensures forced continuous-mode operation of the buck controllers and inhibits
SYNC
20
I
transition to low-power mode. An open or low allows discontinuous-mode operation and entry into low-power
mode at light loads. On the TPS43351, a high level enables frequency-hopping spread spectrum, whereas an
open or a low level disables it.
VBAT
1
I
Supply pin
Main input pin. This is the buck controller input pin. Additionally, it powers the internal control circuits of the
VIN
38
I
device.
An external capacitor on this pin is required to provide a regulated supply for the gate drivers of the buck
controllers. A capacitance in the order of 4.7 µF is recommended. The regulator can be used such that it is either
VREG
35
O
powered from VIN or EXTSUP. This pin has current-limit protection and should not be used to drive any other
loads.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS43350-Q1 TPS43351-Q1


Similar Part No. - TPS43350-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS43350-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43337-Q1 TI1-TPS43337-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com