Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43350QDAPRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43350QDAPRQ1
Description  LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43350QDAPRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS43350QDAPRQ1 Datasheet HTML 2Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 3Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 4Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 5Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 6Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 7Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 8Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 9Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS43350-Q1
TPS43351-Q1
SLVSAR7B – JUNE 2011 – REVISED MAY 2012
www.ti.com
DC ELECTRICAL CHARACTERISTICS (continued)
VIN = 8 V to 18 V, TJ = –40°C to 150°C (unless otherwise noted)
NO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
External capacitor = 1 nF
10.8
tdelay
Reset delay
1
ms
VBUCKX < PGth1
10.9
tdelay_fix
Fixed reset delay
No external capacitor, pin open
20
50
µs
10.10
Ioh
Activate current source
Current to charge external capacitor
30
40
50
µA
10.11
Iil
Activate current sink
Current to discharge external capacitor
30
40
50
µA
11.0
Overtemperature Protection
11.1
Tshutdown
Shutdown threshold
Junction temperature
150
165
°C
11.2
Thys
Hysteresis
15
°C
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS43350-Q1 TPS43351-Q1


Similar Part No. - TPS43350QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS43350QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43337-Q1 TI1-TPS43337-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com