Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST29SF010-70-4I-NH Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST29SF010-70-4I-NH
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF010-70-4I-NH Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST29SF010-70-4I-NH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29SF010-70-4I-NH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29SF010-70-4I-NH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29SF010-70-4I-NH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29SF010-70-4I-NH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29SF010-70-4I-NH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29SF010-70-4I-NH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29SF010-70-4I-NH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29SF010-70-4I-NH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©2001 Silicon Storage Technology, Inc.
S71160-05-000
5/01
505
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
SSF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF512 / SST29SF010 / SST29SF020 / SST29SF040
SST29VF512 / SST29VF010 / SST29VF020 / SST29VF040
FEATURES:
Organized as 64K x8 / 128K x8 / 256K x8 / 512K x8
Single Voltage Read and Write Operations
– 5.0V-only for SST29SF512/010/020/040
– 2.7-3.6V for SST29VF512/010/020/040
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption:
– Active Current: 10 mA (typical)
– Standby Current:
30 µA (typical) for SST29SF512/010/020/040
1 µA (typical) for SST29VF512/010/020/040
Sector-Erase Capability
– Uniform 128 Byte sectors
Fast Read Access Time:
– 55 ns
– 70 ns
Latched Address and Data
Fast Erase and Byte-Program:
– Sector-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Byte-Program Time: 14 µs (typical)
– Chip Rewrite Time:
1 second
(typical) for SST29SF/VF512
2 seconds (typical) for SST29SF/VF010
4 seconds (typical) for SST29SF/VF020
8 seconds (typical) for SST29SF/VF040
Automatic Write Timing
– Internal VPP Generation
End-of-Write Detection
– Toggle Bit
– Data# Polling
TTL I/O Compatibility for SST29SFxxx
CMOS I/O Compatibility for SST29VFxxx
JEDEC Standard
– Flash EEPROM Pinouts and command sets
Packages Available
– 32-pin PLCC
– 32-pin TSOP (8mm x 14mm)
– 32-pin PDIP
PRODUCT DESCRIPTION
The SST29SF512/010/020/040 and SST29VF512/010/
020/040 are 64K x8 / 128K x8 / 256K x8 / 512K x8 CMOS
Small-Sector Flash (SSF) manufactured with SST’s propri-
etary, high performance CMOS SuperFlash technology.
The split-gate cell design and thick oxide tunneling injector
attain better reliability and manufacturability compared with
alternate approaches. The SST29SFxxx devices write
(Program or Erase) with a 4.5-5.5V power supply. The
SST29VFxxx devices write (Program or Erase) with a 2.7-
3.6V power supply. These devices conform to JEDEC stan-
dard pinouts for x8 memories.
Featuring
high
performance
Byte-Program,
the
SST29SFxxx and SST29VFxxx devices provide a maxi-
mum Byte-Program time of 20 µsec. To protect against
inadvertent write, they have on-chip hardware and Soft-
ware Data Protection schemes. Designed, manufactured,
and tested for a wide spectrum of applications, these
devices are offered with a guaranteed endurance of at least
10,000 cycles. Data retention is rated at greater than 100
years.
The SST29SFxxx and SST29VFxxx devices are suited for
applications that require convenient and economical updat-
ing of program, configuration, or data memory. For all sys-
tem applications, they significantly improve performance
and reliability, while lowering power consumption. They
inherently use less energy during Erase and Program than
alternative flash technologies. The total energy consumed
is a function of the applied voltage, current, and time of
application. Since for any given voltage range, the Super-
Flash technology uses less current to program and has a
shorter erase time, the total energy consumed during any
Erase or Program operation is less than alternative flash
technologies. They also improve flexibility while lowering
the cost for program, data, and configuration storage appli-
cations.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles.
To meet high density, surface mount requirements, the
SST29SFxxx and SST29VFxxx devices are offered in 32-
pin PLCC and 32-pin TSOP packages. A 600 mil, 32-pin
PDIP is also offered for SST29SFxxx devices. See Figures
1, 2, and 3 for pinouts.
SST29SF/VF512 / 010 / 020 / 0405.0 & 2.7V 512Kb / 1Mb / 2Mb / 4Mb (x8) Byte-Program, Small Erase Sector flash memories


Similar Part No. - SST29SF010-70-4I-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29SF020 SST-SST29SF020 Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF020-55-4C-NHE SST-SST29SF020-55-4C-NHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF020-55-4C-WHE SST-SST29SF020-55-4C-WHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF020-55-4I-NHE SST-SST29SF020-55-4I-NHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF020-55-4I-WHE SST-SST29SF020-55-4I-WHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results

Similar Description - SST29SF010-70-4I-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF020 SST-SST29SF020_06 Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST29SF040 SST-SST29SF040 Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com