Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST37VF512 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST37VF512
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST37VF512 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST37VF512 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST37VF512 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST37VF512 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST37VF512 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST37VF512 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST37VF512 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST37VF512 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST37VF512 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST37VF512 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST37VF512 / SST37VF010 / SST37VF020 / SST37VF040
©2001 Silicon Storage Technology, Inc.
S71151-02-000
5/01
397
TABLE
4: READ MODE DC OPERATING CHARACTERISTICS VDD=2.7-3.6V (Ta = 0°C to +70°C (Commercial))
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
VDD Read Current
Address input=VIL/VIH, at f=1/TRC Min
VDD=VDD Max
12
mA
CE#=OE#=VIL, all I/Os open
ISB
Standby VDD Current
15
µA
CE#=VIHC, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
0.7 VDD
VVDD=VDD Max
VIHC
Input High Voltage (CMOS)
VDD-0.3
V
VDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.3
V
IOH=-100 µA, VDD=VDD Min
IH
Supervoltage Current for A9 for Read-ID
200
µA
CE#=OE#=VIL, A9=VH Max
T4.3 397
TABLE
5: PROGRAM/ERASE DC OPERATING CHARACTERISTICS VDD=2.7-3.6V (Ta = 25°C±5°C)
Symbol Parameter
Limits
Test Conditions
Min
Max
Units
IDD
VDD Erase or Program Current
20
mA
CE#=VIL, OE#=VH, VDD=VDD Max, WE#=VIL
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VH
Supervoltage for A9 and OE#
11.4
12.6
V
IH
Supervoltage Current for A9 and OE#
200
µA
OE#=VH Max, A9=VH Max, VDD=VDD Max, CE# = VIL
T5.1 397
TABLE
6: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Write Operation
100
µs
T6.1 397
TABLE
7: CAPACITANCE (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T7.0 397
TABLE
8: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T8.3 397


Similar Part No. - SST37VF512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST37VF512 SST-SST37VF512 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512-70-3C-NH SST-SST37VF512-70-3C-NH Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512-70-3C-NHE SST-SST37VF512-70-3C-NHE Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512-70-3C-PH SST-SST37VF512-70-3C-PH Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512-70-3C-WH SST-SST37VF512-70-3C-WH Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
More results

Similar Description - SST37VF512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com