Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA5C4C0G2J151J Datasheet(PDF) 2 Page - TDK Electronics

Part # CGA5C4C0G2J151J
Description  Automotive Grade Capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA5C4C0G2J151J Datasheet(HTML) 2 Page - TDK Electronics

  CGA5C4C0G2J151J Datasheet HTML 1Page - TDK Electronics CGA5C4C0G2J151J Datasheet HTML 2Page - TDK Electronics CGA5C4C0G2J151J Datasheet HTML 3Page - TDK Electronics CGA5C4C0G2J151J Datasheet HTML 4Page - TDK Electronics CGA5C4C0G2J151J Datasheet HTML 5Page - TDK Electronics CGA5C4C0G2J151J Datasheet HTML 6Page - TDK Electronics CGA5C4C0G2J151J Datasheet HTML 7Page - TDK Electronics CGA5C4C0G2J151J Datasheet HTML 8Page - TDK Electronics CGA5C4C0G2J151J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
REMINDERS
Please read before using this product
SAFETY REMINDERS
TDK MLCC US Catalog
Version B11
Page 290
REMINDERS
1.
If you intend to use a product listed in this catalog for a purpose that may cause loss of life or other
damage, you must contact our company’s sales window.
2.
We may modify products or discontinue production of a product listed in this catalog without prior
notification.
3.
We provide “Delivery Specification” that explain precautions for the specifications and safety of each
product listed in this catalog. We strongly recommend that you exchange these delivery specifications
with customers that use one of these products.
4.
If you plan to export a product listed in this catalog, keep in mind that it may be a restricted item according
to the “Foreign Exchange and Foreign Trade Control Law”. In such cases, it is necessary to acquire export
permission in harmony with this law.
5.
Any reproduction or transferring of the contents of this catalog is prohibited without prior permission from
our company.
6.
We are not responsible for problems that occur related to the intellectual property rights or other rights of
our company or a third party when you use a product listed in this catalog. We do not grant license of
these rights.
7.
This catalog only applies to products purchased through our company or one of our company’s official
agencies. This catalog does not apply to products that are purchased through other third parties.


Similar Part No. - CGA5C4C0G2J151J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA5C4C0G2J151J060AA TDK-CGA5C4C0G2J151J060AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
More results

Similar Description - CGA5C4C0G2J151J

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMA NIC-NMA Datasheet
158Kb / 12P
   Automotive Grade Ceramic Chip Capacitors
logo
Kemet Corporation
T499X227M010ATE500 KEMET-T499X227M010ATE500_16 Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??Automotive Grade
T499B474K035ATE8K0 KEMET-T499B474K035ATE8K0 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Automotive Grade T499 Series Automotive Grade MnO2 175C
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com