Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA5C4C0G2J391J Datasheet(PDF) 3 Page - TDK Electronics

Part # CGA5C4C0G2J391J
Description  Automotive Grade Capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA5C4C0G2J391J Datasheet(HTML) 3 Page - TDK Electronics

  CGA5C4C0G2J391J Datasheet HTML 1Page - TDK Electronics CGA5C4C0G2J391J Datasheet HTML 2Page - TDK Electronics CGA5C4C0G2J391J Datasheet HTML 3Page - TDK Electronics CGA5C4C0G2J391J Datasheet HTML 4Page - TDK Electronics CGA5C4C0G2J391J Datasheet HTML 5Page - TDK Electronics CGA5C4C0G2J391J Datasheet HTML 6Page - TDK Electronics CGA5C4C0G2J391J Datasheet HTML 7Page - TDK Electronics CGA5C4C0G2J391J Datasheet HTML 8Page - TDK Electronics CGA5C4C0G2J391J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TDK MLCC US Catalog
Version B11
Page 291
CGA Series
Automotive Grade Capacitors
Type: CGA2 (C1005), CGA3 (C1608),
CGA4 (C2012), CGA5 (C3216), CGA6 (C3225)
• The CGA series consists of products that can be used
for the power train, safety equipment, etc. of a vehicle
• Qualified to AEC Q200 test standard
• Parts are manufactured using tested and stable
manufacturing processes and are subjected to
increased inspections to guarantee a higher level of
reliability
• A monolithic structure ensures superior mechanical
strength and reliability
• Available in X8R temperature characteristic for up to
150ºC operating temperature
• High capacitance has been achieved through
precision technologies that enable the use of multiple
thinner ceramic dielectric layers
• High-accuracy automatic mounting is facilitated
through the maintenance of very precise dimensional
tolerances
• Low stray capacitance ensures high conformity with
nominal values, thereby simplifying the circuit design
process
Applications
• Automotive applications
• High reliability requirement applications
• Harsh environment requirement application
• Smart meter
• Base stations
• Noise bypass in automotive
Features
Shape &
Dimensions
Dimensions in mm
Part Number
Construction
Series Name
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Internal Codes
CGA 5 L 2 X8R 1E 105 K T XXXX
Symbol
Length
Width
2
1.00 ± 0.05
0.50 ± 0.05
3
1.60 ± 0.10
0.80 ± 0.10
4
2.00 ± 0.20
1.25 ± 0.20
5
3.20 ± 0.20
1.60 ± 0.20
6
3.20 ± 0.40
2.50 ± 0.30
Symbol
Thickness
B
0.50 mm
C
0.60 mm
E
0.80 mm
F
0.85 mm
H
1.15 mm
J
1.25 mm
Symbol
Thickness
K
1.30 mm
L
1.60 mm
M
2.00 mm
N
2.30 mm
P
2.50 mm
Symbol
Condition
1
1 × R.V.
2
2 × R.V.
Symbol
Condition
3
1.5 × R.V.
4
1.2 × R.V.
Temperature
Characteristics
Capacitance
Change
Temperature
Range
C0G
0±30 ppm/ºC
-55 to +125ºC
X5R
± 15%
-55 to +85ºC
X7R
± 15%
-55 to +125ºC
X7S
± 22%
-55 to +125ºC
X7T
+22/-33%
-55 to +125ºC
X8R
± 15%
-55 to +150ºC
Packaging Code
Style
T
Tape & Reel
Tolerance Code
Tolerance
C
± 0.25 pF
D
± 0.50 pF
J
± 5%
K
± 10%
M
± 20%
The capacitance is expressed in three digit codes and
in units of pico Farads (pF). The first and second digits
identify the first and second significant figures of the
capacitance. The third digit identifies the multiplier.
R designates a decimal point.
Capacitance Code
Capacitance
0R5
0.5pF
010
1pF
102
1,000pF (1nF)
105
1,000,000pF (1µF)
L
Body Length
W Body Width
T
Body Height
B
Terminal Width
Voltage Code Voltage (DC)
0J
6.3V
1A
10V
1C
16V
1E
25V
1V
35V
Voltage Condition for Life Test
Temperature Characteristic
Dimensions L x W (mm)
Thickness T (mm)
Voltage Code Voltage (DC)
1H
50V
2A
100V
2E
250V
2W
450V
2J
630V


Similar Part No. - CGA5C4C0G2J391J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA5C4C0G2J391J060AA TDK-CGA5C4C0G2J391J060AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
More results

Similar Description - CGA5C4C0G2J391J

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMA NIC-NMA Datasheet
158Kb / 12P
   Automotive Grade Ceramic Chip Capacitors
logo
Kemet Corporation
T499X227M010ATE500 KEMET-T499X227M010ATE500_16 Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??Automotive Grade
T499B474K035ATE8K0 KEMET-T499B474K035ATE8K0 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Automotive Grade T499 Series Automotive Grade MnO2 175C
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com