Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51220A-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51220A-Q1
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51220A-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS51220A-Q1 Datasheet HTML 3Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 4Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 5Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 6Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 7Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 8Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 9Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 10Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
TPS51220A-Q1
www.ti.com
SLUSAI2
– MARCH 2011
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, EN = 3.3V, VIN = 12V, V5SW = 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE
RTV package,
28
31
35
TA = 0 to 105°C
RSN
TRIP=0V/ 2V, 2V
<CSNx<12.6V
package
,
28
31
34
TA = 0 to 105°C
Current limit threshold
VOCL-ULV
mV
(ultra-low voltage)
TA = –40 to
27
31
37
105
°C
TA = 0 to 105°C
27
31
36
TRIP=0V/ 2V, 0.95V
<CSNx<12.6V
TA = –40 to
25
31
42
105
°C
TA = 0 to 105°C
56
60
65
TRIP=3.3V/ 5V, 2V
<CSNx<12.6V
TA = –40 to
55
60
68
105
°C
Current limit threshold
VOCL-LV
mV
(low voltage)
TA = 0 to 105°C
55
60
67
TRIP=3.3V/ 5V,
TA = –40 to
0.95V
<CSNx<12.6V
54
60
72
105
°C
Positive
5
VZCAJ
Auto-Zero cross adjustable offset range
0.95V
< CSNx < 12.6V, Auto-skip
mV
Negative
–5
VZC
Zero cross detection comparator Offset
0.95V
< CSNx < 12.6V, OOA
–5
0
4
mV
TA = 0 to 105°C
–23
–31
–40
Negative current limit threshold
TRIP = 0V/2V, 0.95V
< CSNx <
VOCLN-ULV
TA = –40 to
(ultra-low voltage)
12.6V
–22
–31
–44
105
°C
mV
TA = 0 to 105°C
–50
–60
–73
Negative current limit threshold
TRIP = 3.3V/5V, 0.95V
< CSNx <
VOCLN-LV
TA = –40 to
(low voltage)
12.6V
–49
–60
–77
105
°C
OUTPUT DRIVERS
Source, V(VBST-DRVH) = 0.1 V
1.7
5
RDRVH
DRVH resistance
Sink, V(DRVH-SW) = 0.1 V
1
3
Source, V(VREG5-DRVL) = 0.1 V
1.3
4
RDRVL
DRVL resistance
Sink, V(DRVL-GND) = 0.1 V
0.7
2
UVP, OVP AND UVLO
VOVP
OVP Trip Threshold
OVP detect
110%
115%
120%
tOVPDLY
OVP Prop Delay
1.5
μs
VUVP
UVP Trip Threshold
UVP detect
65%
70%
73%
tUVPDLY
UVP Delay
0.8
1
1.2
ms
Wake up
1.7
1.8
1.9
V
VUVREF2
VREF2 UVLO Threshold
Hysteresis
75
100
125
mV
Wake up
3
3.1
3.2
VUVREG3
VREG3 UVLO Threshold
V
Hysteresis
0.10
0.15
0.20
Wake up
4.1
4.2
4.3
V
VUVREG5
VREG5 UVLO Threshold
Hysteresis
0.35
0.40
0.44
V
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPS51220A-Q1


Similar Part No. - TPS51220A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Similar Description - TPS51220A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com