Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST32HF201-90-4C-L3K Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST32HF201-90-4C-L3K
Description  Multi-Purpose Flash (MPF) SRAM ComboMemory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF201-90-4C-L3K Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST32HF201-90-4C-L3K Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF201-90-4C-L3K Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
Preliminary Specifications
Multi-Purpose Flash (MPF) + SRAM ComboMemory
SST32HF201 / SST32HF202 / SST32HF401 / SST32HF402
©2001 Silicon Storage Technology, Inc.
S71209-00-000
9/01
557
Flash Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating ‘1’s
and ‘0’s, i.e., toggling between 1 and 0. When the internal
Program or Erase operation is completed, the toggling will
stop. The flash memory bank is then ready for the next
operation. The Toggle Bit is valid after the rising edge of the
fourth WE# (or BEF#) pulse for Program operation. For
Sector- or Bank-Erase, the Toggle Bit is valid after the rising
edge of the sixth WE# (or BEF#) pulse. See Figure 9 for
Toggle Bit timing diagram and Figure 18 for a flowchart.
Flash Memory Data Protection
The SST32HF20x/40x flash memory bank provides both
hardware and software features to protect nonvolatile data
from inadvertent writes.
Flash Hardware Data Protection
Noise/Glitch Protection: A WE# or BEF# pulse of less than
5 ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, BEF# high, or WE#
high will inhibit the Flash Write operation. This prevents
inadvertent writes during power-up or power-down.
Flash Software Data Protection (SDP)
The SST32HF20x/40x provide the JEDEC approved soft-
ware data protection scheme for all flash memory bank
data alteration operations, i.e., Program and Erase. Any
Program operation requires the inclusion of a series of
three-byte sequence. The three-byte load sequence is
used to initiate the Program operation, providing optimal
protection from inadvertent Write operations, e.g., during
the system power-up or power-down. Any Erase operation
requires the inclusion of six-byte load sequence. The
SST32HF20x/40x devices are shipped with the software
data protection permanently enabled. See Table 4 for the
specific software command codes. During SDP command
sequence, invalid SDP commands will abort the device to
the read mode, within Read Cycle Time (TRC).
Concurrent Read and Write Operations
The SST32HF20x/40x provide the unique benefit of being
able to read from or write to SRAM, while simultaneously
erasing or programming the Flash. This allows data alter-
ation code to be executed from SRAM, while altering the
data in Flash. The following table lists all valid states.
The device will ignore all SDP commands when an Erase
or Program operation is in progress. Note that Product
Identification commands use SDP; therefore, these com-
mands will also be ignored while an Erase or Program
operation is in progress.
Product Identification
The Product Identification mode identifies the devices as
the SST32HF20x/40x and manufacturer as SST. This
mode may be accessed by software operations only.
The hardware device ID Read operation, which is typi-
cally used by programmers, cannot be used on this
device because of the shared lines between flash and
SRAM in the multi-chip package. Therefore, applica-
tion of high voltage to pin A9 may damage this device.
Users may use the software Product Identification opera-
tion to identify the part (i.e., using the device ID) when using
multiple manufacturers in the same socket. For details, see
Tables 3 and 4 for software operation, Figure 13 for the
software ID entry and Read timing diagram, and Figure 19
for the ID entry command sequence flowchart.
Product Identification Mode Exit/Reset
In order to return to the standard read mode, the Software
Product Identification mode must be exited. Exiting is
accomplished by issuing the Exit ID command sequence,
which returns the device to the Read operation. Please
note that the software-reset command is ignored during an
internal Program or Erase operation. See Table 4 for soft-
ware command codes, Figure 14 for timing waveform and
Figure 19 for a flowchart.
Design Considerations
SST recommends a high frequency 0.1 µF ceramic capac-
itor to be placed as close as possible between VDD and
VSS, e.g., less than 1 cm away from the VDD pin of the
CONCURRENT READ/WRITE STATE TABLE
Flash
SRAM
Program/Erase
Read
Program/Erase
Write
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
00BFH
Device ID
SST32HF201/202
0001H
2789H
SST32HF401/402
0001H
2780H
T1.0 557


Similar Part No. - SST32HF201-90-4C-L3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4C-L3K SST-SST32HF202-70-4C-L3K Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4C-L3KE SST-SST32HF202-70-4C-L3KE Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4E-L3K SST-SST32HF202-70-4E-L3K Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4E-L3KE SST-SST32HF202-70-4E-L3KE Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results

Similar Description - SST32HF201-90-4C-L3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com