Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-565BEH-Q Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS1-565BEH-Q
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-565BEH-Q Datasheet(HTML) 4 Page - Intersil Corporation

  HS1-565BEH-Q Datasheet HTML 1Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 2Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 3Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 4Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 5Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 6Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 7Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 8Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HS-565BRH, HS-565BEH
4
FN4607.4
May 7, 2012
Power Supply Sensitivity
Power Supply Sensitivity is a measure of the change in gain and
offset of the D/A converter resulting from a change in -15V or
+15V supplies. It is specified under DC conditions and expressed
as parts per million of full scale range per percent of change in
power supply (ppm of FSR/%).
Compliance
Compliance Voltage is the maximum output voltage range that
can be tolerated and still maintain its specified accuracy.
Compliance Limit implies functional operation only and makes
no claims to accuracy.
Glitch
A glitch on the output of a D/A converter is a transient spike
resulting from unequal internal ON-OFF switching times. Worst
case glitches usually occur at half scale or the major carry code
transition from 011 . . . 1 to 100 . . . 0 or vice versa. For example,
if turn ON is greater than turn OFF for 011 . . . 1 to 100 . . . 0, an
intermediate state of 000 . . . 0 exists, such that, the output
momentarily glitches toward zero output. Matched switching
times and fast switching will reduce glitches considerably.
Applying the HS-565BRH and
HS-565BEH
OP AMP Selection
The HS-565BRH, HS-565BEH current output may be converted to
voltage using the standard connections shown in Figures 2 and 3.
The choice of operational amplifier should be reviewed for each
application, since a significant trade-off may be made between
speed and accuracy. Remember settling time for the
DAC-amplifier combination is:
where tD, tA are settling times for the DAC and amplifier.
No Trim Operation
The HS-565BRH, HS-565BEH will perform as specified without
calibration adjustments. To operate without calibration,
substitute 50Ω resistors for the 100Ω trimming
potentiometers: In Figure 2 replace R2 with 50Ω; also remove
the network on pin 8 and connect 50Ω to ground. For bipolar
operation in Figure 3, replace R3 and R4 with 50Ω resistors.
Typical unipolar zero will be ±0.50 LSB plus the op amp offset.
The feedback capacitor C must be selected to minimize settling
time.
Calibration
Calibration provides the maximum accuracy from a converter by
adjusting its gain and offset errors to zero. For the HS-565BRH,
HS-565BEH, these adjustments are similar whether the current
output is used, or whether an external op amp is added to
convert this current to a voltage. Refer to Table 1 for the voltage
output case, along with Figure 2 or 3.
Calibration is a two step process for each of the five output
ranges shown in Table 1. First adjust the negative full scale (zero
for unipolar ranges). This is an offset adjust which translates the
output characteristic, i.e., affects each code by the same
amount.
Next adjust positive FS. This is a gain error adjustment, which
rotates the output characteristic about the negative FS value.
For the bipolar ranges, this approach leaves an error at the zero
code, whose maximum values is the same as for integral
nonlinearity error. In general, only two values of output may be
calibrated exactly; all others must tolerate some error. Choosing
the extreme end points (plus and minus full scale) minimizes this
distributed error for all other codes.
t
D
()2
t
A
()2
+
VO
-
+
DAC
OUT
9
10
11
20V SPAN
10V SPAN
2.5k
5k
5k
C
9.95k
IO
24
13
MSB
LSB
. . . . .
CODE
INPUT
DAC
(4 x IREF
-VEE
PWR
GND
7
x CODE)
IREF
0.5mA
HS-565BRH
3k
3.5k
19.95k
+
-
10V
3
4
VCC
+
-
6
5
REF
GND
REF
IN
REF OUT
R2
100Ω
8
BIP.
OFF.
+15V
-15V
R1
50kΩ
100kΩ
100Ω
FIGURE 2. UNIPOLAR VOLTAGE OUTPUT
R (SEE
TABLE 1)
VO
-
+
DAC
OUT
9
10
11
20V SPAN
10V SPAN
2.5k
5k
5k
C
9.95k
IO
24
13
MSB
LSB
. . . . .
CODE
INPUT
DAC
(4 x IREF
-VEE
PWR
GND
7
x CODE)
IREF
0.5mA
HS-565BRH
3k
3.5k
19.95k
+
-
10V
3
4
VCC
+
-
6
5
REF
GND
REF
IN
REF OUT
R4
100Ω
8
BIP.
OFF.
R3
100Ω
FIGURE 3. BIPOLAR VOLTAGE OUTPUT
R (SEE
TABLE 1)


Similar Part No. - HS1-565BEH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-565BRH-Q INTERSIL-HS1-565BRH-Q Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - HS1-565BEH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com