Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST32HF802-70-4E-EK Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST32HF802-70-4E-EK
Description  Multi-Purpose Flash (MPF) SRAM ComboMemory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF802-70-4E-EK Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST32HF802-70-4E-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF802-70-4E-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF802-70-4E-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc SST32HF802-70-4E-EK Datasheet HTML 10Page - Silicon Storage Technology, Inc SST32HF802-70-4E-EK Datasheet HTML 11Page - Silicon Storage Technology, Inc SST32HF802-70-4E-EK Datasheet HTML 12Page - Silicon Storage Technology, Inc SST32HF802-70-4E-EK Datasheet HTML 13Page - Silicon Storage Technology, Inc SST32HF802-70-4E-EK Datasheet HTML 14Page - Silicon Storage Technology, Inc SST32HF802-70-4E-EK Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
Multi-Purpose Flash (MPF) + SRAM ComboMemory
SST32HF802 / SST32HF162 / SST32HF164
11
©2001 Silicon Storage Technology, Inc.
S71171-05-000
8/01
520
TABLE 11: FLASH READ CYCLE TIMING PARAMETERS
Symbol
Parameter
SST32HF802/162/164-70
SST32HF802/162/164-90
Units
Min
Max
Min
Max
TRC
Read Cycle Time
70
90
ns
TBE
Bank Enable Access Time
70
90
ns
TAA
Address Access Time
70
90
ns
TOE
Output Enable Access Time
35
45
ns
TBLZ1
BEF# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TBHZ1
BEF# High to High-Z Output
20
30
ns
TOHZ1
OE# High to High-Z Output
20
30
ns
TOH1
Output Hold from Address Change
0
0
ns
T11.1 520
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 12: FLASH PROGRAM/ERASE CYCLE TIMING PARAMETERS
Symbol
Parameter
Min
Max
Units
TBP
Word-Program Time
20
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
30
ns
TBS
WE# and BEF# Setup Time
0
ns
TBH
WE# and BEF# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TBPW
BEF# Pulse Width
40
ns
TWP
WE# Pulse Width
40
ns
TWPH
WE# Pulse Width High
30
ns
TBPH
BEF# Pulse Width High
30
ns
TDS
Data Setup Time
30
ns
TDH
Data Hold Time
0
ns
TIDA
Software ID Access and Exit Time
150
ns
TSE
Sector-Erase
25
ms
TBE
Block-Erase
25
ms
TSCE
Chip-Erase
100
ms
T12.0 520


Similar Part No. - SST32HF802-70-4E-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF802-70-4E-L3K SST-SST32HF802-70-4E-L3K Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802-70-4E-L3KE SST-SST32HF802-70-4E-L3KE Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802-70-4E-LBK SST-SST32HF802-70-4E-LBK Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802-70-4E-LBKE SST-SST32HF802-70-4E-LBKE Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results

Similar Description - SST32HF802-70-4E-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com