Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA224S20IR1Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISLA224S20IR1Z
Description  Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224S20IR1Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISLA224S20IR1Z Datasheet HTML 3Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 4Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 5Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 6Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 7Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 8Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 9Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 10Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
ISLA224S
7
FN7911.1
May 7, 2012
Effective Number of Bits
(Note 10)
ENOB
fIN = 30MHz
11.72
11.94
12.14
Bits
fIN = 105MHz
11.14 11.22
11.67 11.80
11.78 11.91
Bits
fIN = 190MHz
11.54
11.63
11.68
Bits
fIN = 363MHz
11.22
11.26
10.63
Bits
fIN = 495MHz
10.43
10.33
9.79
Bits
fIN = 605MHz
9.13
9.04
8.62
Bits
Spurious-Free Dynamic
Range (Note 10)
SFDR
fIN = 30MHz
86
89
94
dBc
fIN = 105MHz
74
85
76
88
76
86
dBc
fIN = 190MHz
84
82
81
dBc
fIN = 363MHz
78
79
69
dBc
fIN = 495MHz
68
67
62
dBc
fIN = 605MHz
58
57
53
dBc
Spurious-Free Dynamic
Range Excluding H2, H3
(Note 10)
SFDRX23 fIN = 30MHz
87
90
96
dBc
fIN = 105MHz
89
92
94
dBc
fIN = 190MHz
89
91
92
dBc
fIN = 363MHz
86
88
87
dBc
fIN = 495MHz
86
84
84
dBc
fIN = 605MHz
85
83
82
dBc
Intermodulation
Distortion
IMD
fIN = 70MHz
83
83
83
dBFS
fIN = 170MHz
97
95
95
dBFS
Channel-to-Channel
Isolation
fIN = 10MHz
88
90
100
dB
fIN = 124MHz
82
87
86
dB
Word Error Rate
WER
10-13
10-13
10-13
Full Power Bandwidth
FPBW
675
675
675
MHz
NOTES:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
7. PSRR is calculated by the equation 20*log10(A/B), where B is the amplitude of a disturber sinusoid on AVDD at the device pins, and A is the amplitude
of the spur in the captured data at the frequency of the disturber sinusoid.
8. AC Specifications apply after internal calibration of the ADC is invoked at the given sample rate and temperature. Refer to “Power-On Calibration” on
page 15 and “User Initiated Reset” on page 16 for more detail.
9. The DLL Range setting must be changed via SPI for ADC core sample rates below 80MSPS. The JESD204 transmitter can support ADC sample rates
below 100MSPS, as long as the SERDES lane data rate is greater than or equal to 1Gbps.
10. Minimum specification guaranteed when calibrated at +85°C.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -2dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade). Boldface limits apply
over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA224S25
ISLA224S20
ISLA224S12
UNITS
MIN
(Note 6) TYP
MAX
(Note 6)
MIN
(Note 6) TYP
MAX
(Note 6)
MIN
(Note 6) TYP
MAX
(Note 6)


Similar Part No. - ISLA224S20IR1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224S20IR1Z INTERSIL-ISLA224S20IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA224S20IR1Z RENESAS-ISLA224S20IR1Z Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results

Similar Description - ISLA224S20IR1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com