Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA224S20 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISLA224S20
Description  Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224S20 Datasheet(HTML) 1 Page - Intersil Corporation

  ISLA224S20 Datasheet HTML 1Page - Intersil Corporation ISLA224S20 Datasheet HTML 2Page - Intersil Corporation ISLA224S20 Datasheet HTML 3Page - Intersil Corporation ISLA224S20 Datasheet HTML 4Page - Intersil Corporation ISLA224S20 Datasheet HTML 5Page - Intersil Corporation ISLA224S20 Datasheet HTML 6Page - Intersil Corporation ISLA224S20 Datasheet HTML 7Page - Intersil Corporation ISLA224S20 Datasheet HTML 8Page - Intersil Corporation ISLA224S20 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011, 2012. All Rights Reserved
Intersil (and design) and FemtoCharge are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed
Serial Output ADC
ISLA224S
The ISLA224S is a series of low-power, high-performance,
dual-channel 14-bit, analog-to-digital converters. Designed
with FemtoCharge™ technology on a standard CMOS process,
the series supports sampling rates of up to 250MSPS. The
ISLA224S is part of a pin-compatible family of 12- and 14-bit
dual-channel A/Ds with maximum sample rates ranging from
125MSPS to 250MSPS and shares the same analog core as
Intersil's proven ISLA224P series of ADCs. The family
minimizes power consumption while providing state-of-the art
dynamic performance, offering an optimal performance-vs-
power trade-off.
Differentiating the ISLA224S from the ISLA224P is its highly
configurable, JESD204B-compliant, high speed serial output
link. The link offers data rates up to 4.375Gbps per lane and
multiple packing modes. It can be configured to use two or
three lanes to transmit the conversion data, allowing for
flexibility in the receiver design. The SERDES transmitter also
provides deterministic latency and multi-chip time alignment
support to satisfy an application's complex synchronization
requirements.
A serial peripheral interface (SPI) port allows for extensive
configurability of the JESD204B transmitter including access
to its built-in link and transport-layer test patterns. The SPI port
also provides control for numerous additional features
including the fine gain and offset adjustments of the two ADC
cores as well as the programmable clock divider, enabling 2x
and 4x harmonic clocking.
The ISLA224S is available in a space-saving 7mmx7mm 48 Ld
QFN package. The package features a thermal pad for
improved thermal performance and is specified over the full
industrial temperature range (-40°C to +85°C).
Features
•JESD204A/B High Speed Data Interface
-JESD204A Compliant
- JESD204B Device Subclass 0 Compliant
- JESD204B Device Subclass 2 Compatible
- Up to 3 JESD204 Output Lanes Running up to 4.375Gbps
- Highly Configurable JESD204 Transmitter
• Multiple Chip Time Alignment and Deterministic Latency
Support (JESD204B Device Subclass 2)
• SPI Programmable Debugging Features and Test Patterns
• 48-pin QFN 7mmx7mm Package
Key Specifications
• SNR @ 250/200/125MSPS
73.2/74.1/75.1 dBFS fIN = 30MHz
72.4/72.9/73.2 dBFS fIN = 190MHz
• SFDR @ 250/200/125MSPS
82/91/94 dBc fIN = 30MHz
84/82/81 dBc fIN = 190MHz
• Total Power Consumption: 989mW @ 250MSPS
Applications
• Radar and Satellite Antenna Array Processing
• Broadband Communications and Microwave Receivers
• High-Performance Data Acquisition
• Communications Test Equipment
• High-Speed Medical Imaging
FIGURE 1. SERDES DATA EYE AT 4.375Gbps
Pin-Compatible Family
MODEL
RESOLUTION
SPEED
(MSPS)
PRODUCT
AVAILABILITY
ISLA224S25
14
250
Now
ISLA224S20
14
200
Now
ISLA224S12
14
125
Now
ISLA222S25
12
250
Now
ISLA222S20
12
200
Now
ISLA222S12
12
125
Now
May 7, 2012
FN7911.1


Similar Part No. - ISLA224S20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224S20 INTERSIL-ISLA224S20 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA224S20 RENESAS-ISLA224S20 Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S20 RENESAS-ISLA224S20 Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S20IR1Z INTERSIL-ISLA224S20IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA224S20IR1Z RENESAS-ISLA224S20IR1Z Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results

Similar Description - ISLA224S20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com