Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R1222801V9AX Datasheet(PDF) 7 Page - Intersil Corporation

Part # 5962R1222801V9AX
Description  Rad Hard 40V Quad Precision Low Power Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R1222801V9AX Datasheet(HTML) 7 Page - Intersil Corporation

Back Button 5962R1222801V9AX Datasheet HTML 3Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 4Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 5Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 6Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 7Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 8Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 9Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 10Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ISL70417SEH
7
July 2, 2012
FN7962.0
tr, tf,
Small Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 50mVP-P,
RL = 10kΩ to VCM
130
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 50mVP-P, RL = 10kΩ
to VCM
130
ns
ts
Settling Time to 0.1%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P,
RL = 5kΩ to VCM
12
µs
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P,
RL = 5kΩ to VCM
19
µs
tOL
Output Positive Overload Recovery Time
AV = -100, VIN = 0.2VP-P
RL = 2kΩ to VCM
7µs
Output Negative Overload Recovery Time
AV = -100, VIN = 0.2VP-P
RL = 2kΩ to VCM
5.8
µs
OS+
Positive Overshoot
AV = 1, VOUT = 10VP-P, Rf = 0Ω
RL =2kΩ to VCM
15
%
OS-
Negative Overshoot
AV = 1, VOUT = 10VP-P, Rf = 0Ω
RL =2kΩ to VCM
15
%
NOTE:
5. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications VS ± 5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -55°C to +125°C; over a total ionizing dose of 300krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s; and over a total
ionizing dose of 50krad(Si) with exposure a low dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNIT


Similar Part No. - 5962R1222801V9AX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R1222201V9A INTERSIL-5962R1222201V9A Datasheet
1Mb / 20P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
5962R1222201V9A RENESAS-5962R1222201V9A Datasheet
918Kb / 23P
   Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
logo
Intersil Corporation
5962R1222201VXC INTERSIL-5962R1222201VXC Datasheet
1Mb / 20P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
5962R1222201VXC RENESAS-5962R1222201VXC Datasheet
918Kb / 23P
   Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
logo
Intersil Corporation
5962R1222301V9A INTERSIL-5962R1222301V9A Datasheet
1Mb / 18P
   36V Rad Hard Dual Precision Operational Amplifier
More results

Similar Description - 5962R1222801V9AX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
   Rad-hard precision quad operational amplifier
logo
Intersil Corporation
ISL70444SEH INTERSIL-ISL70444SEH Datasheet
1Mb / 23P
   19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com