Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70218SRHMEVAL1Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL70218SRHMEVAL1Z
Description  Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70218SRHMEVAL1Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL70218SRHMEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL70218SRHMEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL70218SRHMEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL70218SRHMEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL70218SRHMEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL70218SRHMEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL70218SRHMEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL70218SRHMEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL70218SRHMEVAL1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL70218SEH
6
FN7957.1
August 24, 2012
Electrical Specifications V
S ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -55°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNIT
VOS
Offset Voltage
40
µV
ΔVOS
Input Offset Voltage Match Channel to
Channel
44
µV
IOS
Input Offset Current
4
nA
IB
Input Bias Current
-230
nA
VCMIR
Common Mode Input Voltage Range
Guaranteed by CMRR Test
(V-) - 0.5
(V+) - 1.8
V
V-
(V+) - 1.8
V
CMRR
Common-Mode Rejection Ratio
VCM = V- - 0.5V to V+ - 1.8
VCM = V- to V+ -1.8V
117
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 40V,
VCMIR = Valid Input Voltage
124
dB
AVOL
Open-Loop Gain
RL = 10kΩ to ground
VO = -3V to +3V
130
dB
VOH
Output Voltage High,
V+ to VOUT
RL = 10kΩ
65
mV
70
mV
VOL
Output Voltage Low,
VOUT to V-
RL = 10kΩ
38
mV
45
mV
IS
Supply Current/Amplifier
0.85
mA
IS+
Source Current Capability
8
mA
IS-
Sink Current Capability
8
mA
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
3.2
MHz
enp-p
Voltage Noise
0.1Hz to 10Hz
320
nVP-P
en
Voltage Noise Density
f = 10Hz
9
nV/
√Hz
en
Voltage Noise Density
f = 100Hz
5.7
nV/
√Hz
en
Voltage Noise Density
f = 1kHz
5.5
nV/
√Hz
en
Voltage Noise Density
f = 10kHz
5.5
nV/
√Hz
in
Current Noise Density
f = 1kHz
380
fA/
√Hz
THD + N
Total Harmonic Distortion + Noise
1kHz, G = 1, VO = 1.25VRMS,
RL =10kΩ
0.0003
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 1, RL = 2kΩ, VO = 4VP-P
±1
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω,
RL =2kΩ to VCM
100
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω,
RL = 2kΩ to VCM
100
ns
ts
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = 1, VOUT = 4VP-P, Rf = 0Ω
RL =2kΩ to VCM
4µs
OS+
Positive Overshoot
AV = 1, VOUT = 10VP-P, Rf = 0Ω
RL =2kΩ to VCM
5%
OS-
Negative Overshoot
AV = 1, VOUT = 10VP-P, Rf = 0Ω
RL =2kΩ to VCM
5%
NOTE:
5. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.


Similar Part No. - ISL70218SRHMEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70218SRHMEVAL1Z INTERSIL-ISL70218SRHMEVAL1Z Datasheet
943Kb / 18P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70218SRHMEVAL1Z RENESAS-ISL70218SRHMEVAL1Z Datasheet
918Kb / 23P
   Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
More results

Similar Description - ISL70218SRHMEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70218SRH INTERSIL-ISL70218SRH Datasheet
943Kb / 18P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70218SEH RENESAS-ISL70218SEH Datasheet
918Kb / 23P
   Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
ISL71218M RENESAS-ISL71218M Datasheet
2Mb / 29P
   Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifier
Jan 19, 2021
logo
STMicroelectronics
RHR61 STMICROELECTRONICS-RHR61 Datasheet
679Kb / 20P
   Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
October 2017
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com