Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA224P20 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISLA224P20
Description  High Performance Dual 14-Bit, 125MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224P20 Datasheet(HTML) 5 Page - Intersil Corporation

  ISLA224P20 Datasheet HTML 1Page - Intersil Corporation ISLA224P20 Datasheet HTML 2Page - Intersil Corporation ISLA224P20 Datasheet HTML 3Page - Intersil Corporation ISLA224P20 Datasheet HTML 4Page - Intersil Corporation ISLA224P20 Datasheet HTML 5Page - Intersil Corporation ISLA224P20 Datasheet HTML 6Page - Intersil Corporation ISLA224P20 Datasheet HTML 7Page - Intersil Corporation ISLA224P20 Datasheet HTML 8Page - Intersil Corporation ISLA224P20 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ISLA224P12
5
FN7983.3
August 17, 2012
6, 7
VINBP, VINBN
Channel B Analog Input Positive, Negative
12, 13
VINAN, VINAP
Channel A Analog Input Negative, Positive
15
CLKDIV
Tri-Level Clock Divider Control
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN
Synchronous Clock Divider Reset True, Complement
29
D13
CMOS Bit 13 (MSB) Output
31
D12
CMOS Bit 12 Output
34
D11
CMOS Bit 11 Output
36
D10
CMOS Bit 10 Output
38
D9
CMOS Bit 9 Output
40
D8
CMOS Bit 8 Output
42
D7
CMOS Bit 7 Output
44
D6
CMOS Bit 6 Output
46
RLVDS
LVDS Bias Resistor (connect to OVSS with 1%10k
Ω)
48
CLKOUT
CMOS Clock Output
50
D5
CMOS Bit 5 Output
52
D4
CMOS Bit 4 Output
54
D3
CMOS Bit 3 Output
56
D2
CMOS Bit 2 Output
58
D1
CMOS Bit 1 Output
60
D0
CMOS Bit 0 (LSB) Output
64
OR
CMOS Over Range
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground
Pin Descriptions - 72 Ld QFN, CMOS Mode (Continued)
PIN NUMBER
CMOS PIN NAME
CMOS PIN FUNCTION
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISLA224P12IRZ
ISLA224P12 IRZ
-40°C to +85°C
72 Ld QFN
L72.10x10E
ISLA224IR72EV1Z
Evaluation Board - Supports 125/130/200/250 Speed Grades
KMB-001LEVALZ
LVDS Motherboard (Interfaces with ISLA224IR72EV1Z operating in LVDS Output Mode)
KMB-001CEVALZ
CMOS Motherboard (Interfaces with ISLA224IR72EV1Z operating in CMOS Output Mode)
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate-e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see device information page for ISLA224P12. For more information on MSL please see techbrief TB363.


Similar Part No. - ISLA224P20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224P20 INTERSIL-ISLA224P20 Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P20 INTERSIL-ISLA224P20 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA224P20 RENESAS-ISLA224P20 Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P20 RENESAS-ISLA224P20 Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P20 RENESAS-ISLA224P20 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results

Similar Description - ISLA224P20

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
logo
Linear Technology
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com