Electronic Components Datasheet Search |
|
CGA5F2X8R2A473K Datasheet(PDF) 3 Page - TDK Electronics |
|
CGA5F2X8R2A473K Datasheet(HTML) 3 Page - TDK Electronics |
3 / 36 page TDK MLCC US Catalog Version B11 Page 291 CGA Series Automotive Grade Capacitors Type: CGA2 (C1005), CGA3 (C1608), CGA4 (C2012), CGA5 (C3216), CGA6 (C3225) • The CGA series consists of products that can be used for the power train, safety equipment, etc. of a vehicle • Qualified to AEC Q200 test standard • Parts are manufactured using tested and stable manufacturing processes and are subjected to increased inspections to guarantee a higher level of reliability • A monolithic structure ensures superior mechanical strength and reliability • Available in X8R temperature characteristic for up to 150ºC operating temperature • High capacitance has been achieved through precision technologies that enable the use of multiple thinner ceramic dielectric layers • High-accuracy automatic mounting is facilitated through the maintenance of very precise dimensional tolerances • Low stray capacitance ensures high conformity with nominal values, thereby simplifying the circuit design process Applications • Automotive applications • High reliability requirement applications • Harsh environment requirement application • Smart meter • Base stations • Noise bypass in automotive Features Shape & Dimensions Dimensions in mm Part Number Construction Series Name Rated Voltage (DC) Nominal Capacitance (pF) Capacitance Tolerance Packaging Style Internal Codes CGA 5 L 2 X8R 1E 105 K T XXXX Symbol Length Width 2 1.00 ± 0.05 0.50 ± 0.05 3 1.60 ± 0.10 0.80 ± 0.10 4 2.00 ± 0.20 1.25 ± 0.20 5 3.20 ± 0.20 1.60 ± 0.20 6 3.20 ± 0.40 2.50 ± 0.30 Symbol Thickness B 0.50 mm C 0.60 mm E 0.80 mm F 0.85 mm H 1.15 mm J 1.25 mm Symbol Thickness K 1.30 mm L 1.60 mm M 2.00 mm N 2.30 mm P 2.50 mm Symbol Condition 1 1 × R.V. 2 2 × R.V. Symbol Condition 3 1.5 × R.V. 4 1.2 × R.V. Temperature Characteristics Capacitance Change Temperature Range C0G 0±30 ppm/ºC -55 to +125ºC X5R ± 15% -55 to +85ºC X7R ± 15% -55 to +125ºC X7S ± 22% -55 to +125ºC X7T +22/-33% -55 to +125ºC X8R ± 15% -55 to +150ºC Packaging Code Style T Tape & Reel Tolerance Code Tolerance C ± 0.25 pF D ± 0.50 pF J ± 5% K ± 10% M ± 20% The capacitance is expressed in three digit codes and in units of pico Farads (pF). The first and second digits identify the first and second significant figures of the capacitance. The third digit identifies the multiplier. R designates a decimal point. Capacitance Code Capacitance 0R5 0.5pF 010 1pF 102 1,000pF (1nF) 105 1,000,000pF (1µF) L Body Length W Body Width T Body Height B Terminal Width Voltage Code Voltage (DC) 0J 6.3V 1A 10V 1C 16V 1E 25V 1V 35V Voltage Condition for Life Test Temperature Characteristic Dimensions L x W (mm) Thickness T (mm) Voltage Code Voltage (DC) 1H 50V 2A 100V 2E 250V 2W 450V 2J 630V |
Similar Part No. - CGA5F2X8R2A473K |
|
Similar Description - CGA5F2X8R2A473K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |