Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R1220201VXC Datasheet(PDF) 5 Page - Intersil Corporation

Part # 5962R1220201VXC
Description  Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R1220201VXC Datasheet(HTML) 5 Page - Intersil Corporation

  5962R1220201VXC Datasheet HTML 1Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 2Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 3Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 4Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 5Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 6Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 7Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 8Page - Intersil Corporation 5962R1220201VXC Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ISL70002SEH
5
FN8264.1
April 5, 2012
22
SYNC
When SYNC is configured as an output (clock Master Mode, M/S = DVDD), this pin drives the SYNC input of
another ISL70002SEH with a square ware that is inverted (~180° out-of-phase) from the Master clockdriving
the Master PWM circuits. When configured as an input (clock Slave Mode, M/S = DGND), this pin uses the SYNC
output from another ISL70002SEH or an external clock to drive the clock Slave PWM circuitry. If synchronizing
to an external clock, the clock must be SEE hardened and the frequency must be within the range of 400kHz
to 1.2MHz.
23, 28, 32, 37, 38,
43, 44, 49, 53, 58
PVINx
These pins are the power supply inputs to the corresponding internal power blocks. These pins must be
connected to a common power supply rail, which must fall in the range of 3V to 5.5V. Bypass these pins directly
to PGNDx with ceramic capacitors located as close as possible to the IC. PVINx should be the same voltage as
DVDD and AVDD (±200mV).
24, 27, 33, 36, 39,
42, 45, 48, 54, 57
LXx
These pins are the outputs of the corresponding internal power blocks and should be connected to the output
filter inductor. Internally, these pins are connected to the synchronous MOSFET power switches.
25, 26, 34, 35, 40,
41, 46, 47, 55, 56
PGNDx
These pins are the power grounds associated with the corresponding internal power blocks. These pins also
provide the ground path for the metal package lid. Connect these pins directly to the PCB ground plane. These
pins should also connect to the negative terminals of the input and output capacitors. Locate the input and
output capacitors as close as possible to the IC.
29
M/S
This pin is the clock Master/Slave input for selecting the direction of the bi-directional SYNC pin. For
SYNC = Output (Master Mode), connect this pin to DVDD. For SYNC = Input (Slave Mode), connect this pin to the
PCB ground plane.
30
FSEL
This pin is the oscillator frequency select input. Tie this pin to DVDD to select a 1MHz nominal oscillator
frequency. Tie this pin to the PCB ground plane to select a 500kHz nominal oscillator frequency.
31, 50
NC
These are No Connect pins that are not connected to anything internally. They should be connected to the PCB
ground plane.
51, 52
SC0/1
These pins are inputs that comprise a 2-bit code to select the slope compensation (SC) current ramp referred
to the output as shown below.
SC1 = DVDD, SC0 = DVDD: SC = 6.6A/µs for FSEL = DGND
SC1 = DVDD, SC0 = DGND: SC = 3.3A/µs for FSEL = DGND
SC1 = DGND, SC0 = DVDD: SC = 1.6A/µs for FSEL = DGND
SC1 = DGND, SC0 = DGND: SC = 0.8A/µs for FSEL = DGND
SC1 = DVDD, SC0 = DVDD: SC= 13.4A/µs for FSEL = DVDD
SC1 = DVDD, SC0 = DGND: SC = 6.7A/µs for FSEL = DVDD
SC1 = DGND, SC0 = DVDD: SC = 3.4A/µs for FSEL = DVDD
SC1 = DGND, SC0 = DGND: SC = 1.7A/µs for FSEL = DVDD
If using current share, SC0 and SC1 of the Slave MUST match the Master SC0 and SC1.
59
EN
This pin is the enable input to the IC. This is a comparator type input with a rising threshold of 0.6V and
programmable hysteresis. Driving this pin above 0.6V enables the IC. Bypass this pin to the PCB ground plane
with a 10nF ceramic capacitor to mitigate SEE.
60, 62
OCSSB/A
This pin is a switch to AGND that is active during the soft-start period. It is used to set the redundant A/B peak
overcurrent limit threshold during soft-start. Connect a resistor from OCSSx to OCx in accordance with the
following equation: ROCSSx 600mV / [(IOCSSx - IOCx) /100,000]
where IOCx is the desired peak overcurrent limit during normal operation and IOCSSx is the desired peak
current limit threshold during soft-start.
61, 63
OCB/A
This pin is a source follower output that is used to set the redundant A/B peak overcurrent limit threshold during
normal operation. Connect a resistor from this pin to the PCB ground plane in accordance with the following
equation: ROCx = 600mV / (IOCx /100,000), where IOCx is the desired peak current limit threshold during
normal operation.
64
REF
This pin is the internal reference voltage output. Bypass this pin to the PCB ground plane with a 220nF ceramic
capacitor located as close as possible to the IC. The bypass capacitor is needed to mitigate SEE. No current
(sourcing or sinking) is available from this pin.
If using current share, tie REF of the Master to REF of the Slave through a 10
Ω resistor.
Pin Descriptions (Continued)
PIN NUMBER
PIN NAME
DESCRIPTION


Similar Part No. - 5962R1220201VXC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962R1220201VXC RENESAS-5962R1220201VXC Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
More results

Similar Description - 5962R1220201VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
logo
Anaren Microwave
MSK5063RH ANAREN-MSK5063RH Datasheet
704Kb / 12P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR
MSK5055RH ANAREN-MSK5055RH Datasheet
513Kb / 11P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR CONTROLLER
logo
Renesas Technology Corp
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
logo
Anaren Microwave
MSK5062RH ANAREN-MSK5062RH Datasheet
1,022Kb / 13P
   RAD HARD 6A SWITCHING REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
MSK591XRHG MSK-MSK591XRHG Datasheet
298Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5044RH ANAREN-MSK5044RH Datasheet
1Mb / 9P
   RAD HARD 3.5A SWITCHING REGULATOR
MSK5048RH ANAREN-MSK5048RH Datasheet
657Kb / 8P
   RAD HARD 3.5A SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com