Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST37VF512-90-3C-NH Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST37VF512-90-3C-NH
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST37VF512-90-3C-NH Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST37VF512-90-3C-NH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST37VF512-90-3C-NH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST37VF512-90-3C-NH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST37VF512-90-3C-NH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST37VF512-90-3C-NH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST37VF512-90-3C-NH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST37VF512-90-3C-NH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST37VF512-90-3C-NH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST37VF512-90-3C-NH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2001 Silicon Storage Technology, Inc.
S71151-02-000
5/01
397
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MTP is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8)
Many-Time Programmable Flash
SST37VF512 / SST37VF010 / SST37VF020 / SST37VF040
FEATURES:
Organized as 64K x8 / 128K x8 / 256K x8 / 512K x8
2.7-3.6V Read Operation
Superior Reliability
– Endurance: At least 1000 Cycles
– Greater than 100 years Data Retention
Low Power Consumption:
– Active Current: 10 mA (typical)
– Standby Current: 2 µA (typical)
Fast Read Access Time:
– 70 ns
– 90 ns
Latched Address and Data
Fast Byte-Program Operation:
– Byte-Program Time: 10 µs (typical)
– Chip Program Time:
0.6 seconds (typical) for SST37VF512
1.2 seconds (typical) for SST37VF010
2.4 seconds (typical) for SST37VF020
4.8 seconds (typical) for SST37VF040
Electrical Erase Using Programmer
– Does not require UV source
– Chip-Erase Time: 100 ms (typical)
CMOS I/O Compatibility
JEDEC Standard Byte-wide Flash
EEPROM Pinouts
Packages Available
– 32-pin PLCC
– 32-pin TSOP (8mm x 14mm)
– 32-pin PDIP
PRODUCT DESCRIPTION
The SST37VF512/010/020/040 devices are 64K x8 / 128K
x8 / 256K x8 / 512K x8 CMOS, Many-Time Programmable
(MTP), low cost flash, manufactured with SST’s proprietary,
high performance CMOS SuperFlash technology. The
split-gate cell design and thick oxide tunneling injector
attain better reliability and manufacturability compared with
alternate approaches. The SST37VF512/010/020/040 can
be electrically erased and programmed at least 1000 times
using an external programmer, e.g., to change the contents
of devices in inventory. The SST37VF512/010/020/040
have to be erased prior to programming. These devices
conform to JEDEC standard pinouts for byte-wide flash
memories.
Featuring
high
performance
Byte-Program,
the
SST37VF512/010/020/040 provide a typical Byte-Pro-
gram time of 10 µs. Designed, manufactured, and tested
for a wide spectrum of applications, these devices are
offered with an endurance of at least 1000 cycles. Data
retention is rated at greater than 100 years.
The SST37VF512/010/020/040 are suited for applications
that require infrequent writes and low power nonvolatile
storage. These devices will improve flexibility, efficiency,
and performance while matching the low cost in nonvolatile
applications that currently use UV-EPROMs, OTPs, and
mask ROMs.
To meet surface mount and conventional through hole
requirements, the SST37VF512/010/020/040 are offered in
32-pin PLCC, TSOP, and PDIP packages. See Figures 1,
2, and 3 for pinouts.
Device Operation
The SST37VF512/010/020/040 devices are nonvolatile
memory solutions that can be used instead of standard
flash devices if in-system programmability is not required. It
is functionally (Read) and pin compatible with industry
standard flash products.The device supports electrical
Erase operation via an external programmer.
Read
The Read operation of the SST37VF512/010/020/040 is
controlled by CE# and OE#. Both CE# and OE# have to be
low for the system to obtain data from the outputs. Once
the address is stable, the address access time is equal to
the delay from CE# to output (TCE). Data is available at the
output after a delay of TOE from the falling edge of OE#,
assuming the CE# pin has been low and the addresses
have been stable for at least TCE - TOE. When the CE# pin
is high, the chip is deselected and a standby current of only
10 µA (typical) is consumed. OE# is the output control and
is used to gate data from the output pins. The data bus is in
high impedance state when either CE# or OE# is VIH.
Refer to Figure 4 for the timing diagram.
SST37VF512 / 010 / 020 / 0402.7V-Read 512Kb / 1Mb / 2Mb / 4Mb (x8) MTP flash memories


Similar Part No. - SST37VF512-90-3C-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST37VF512-70-3C-NH SST-SST37VF512-70-3C-NH Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512-70-3C-NHE SST-SST37VF512-70-3C-NHE Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512-70-3C-PH SST-SST37VF512-70-3C-PH Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512-70-3C-WH SST-SST37VF512-70-3C-WH Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512-70-3C-WHE SST-SST37VF512-70-3C-WHE Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
More results

Similar Description - SST37VF512-90-3C-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com