Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-707SDZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-707SDZ
Description  10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-707SDZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-707SDZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-707SDZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-707SDZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-707SDZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-707SDZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-707SDZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-707SDZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-707SDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-707SDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Figure 1. Transceiver functional diagram
Transmit Fault (TX_FAULT)
A catastrophic laser fault will activate the transmitter
signal, TX_FAULT, and disable the laser. This signal is
anopencollectoroutput(pull-uprequiredonthehost
board). A low signal indicates normal laser operation
and a high signal indicates a fault. The TX_FAULT will
belatchedhighwhenalaserfaultoccursandiscleared
bytogglingtheTX_DISABLEinputorpowercyclingthe
transceiver.Thetransmitterfaultconditioncanalsobe
monitoredviathetwo-wireserialinterface(addressA2,
byte110,bit2).
LIGHT FROM FIBER
LIGHT TO FIBER
PHOTO-DETECTOR
RECEIVER
AMPLIFICATION
& QUANTIZATION
RD+ (RECEIVE DATA)
RD– (RECEIVE DATA)
RX_LOS
VCSEL
TRANSMITTER
LASER
DRIVER &
SAFETY
CIRCUITRY
TX_DISABLE
TD+ (TRANSMIT DATA)
TD– (TRANSMIT DATA)
TX_FAULT
ELECTRICAL INTERFACE
SDA
SCL
MOD-ABS
CONTROLLER & MEMORY
OPTICAL INTERFACE
RS0
RS1
Transmitter Section
The transmitter section includes the Transmitter Opti-
calSub-Assembly(TOSA)andlaserdrivercircuitry.The
TOSA,containinganAvagodesignedandmanufactured
850 nmVCSEL (Vertical Cavity Surface Emitting Laser)
lightsource,islocatedattheopticalinterfaceandmates
withtheLCopticalconnector.TheTOSAisdrivenbyan
ICwhichusestheincomingdifferentialhighspeedlogic
signaltomodulatethelaserdiodedrivercurrent.ThisTx
laserdrivercircuitregulatestheopticalpoweratacon-
stantlevelprovidedtheincomingdatapatternisDCbal-
anced.
Transmit Disable (TX_DISABLE)
The AFBR-700SDZ accepts an LVTTL compatible trans-
mitdisablecontrolsignalinputwhichshutsdownthe
transmitteropticaloutput.Ahighsignalimplementsthis
functionwhilealowsignalallowsnormaltransceiverop-
eration.Intheeventofafault(e.g.eyesafetycircuitac-
tivated),cyclingthiscontrolsignalresetsthemoduleas
depictedinFigure6.Aninternalpullupresistordisables
thetransceivertransmitteruntilthehostpullstheinput
low.TX_DISABLEcanalsobeassertedviathetwo-wire
interface(addressA2h,byte110,bit6)andmonitored
(addressA2h,byte110,bit7).
ThecontentsofA2h,byte110,bit6arelogicOR’dwith
hardwareTX_DISABLE(contact3)tocontroltransmitter
operation.


Similar Part No. - AFBR-707SDZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-707SDZ BOARDCOM-AFBR-707SDZ Datasheet
293Kb / 19P
   10Gb Ethernet, 1310 nm, 10GBASE-LRM, SFP Transceiver for Legacy MMF links on OM1, OM2, OM3 fiber up to 220m
AFBR-707SDZ BOARDCOM-AFBR-707SDZ Datasheet
242Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-707SDZ AVAGO-AFBR-707SDZ_13 Datasheet
461Kb / 19P
   10Gb Ethernet, 1310 nm, 10GBASE-LRM, SFP Transceiver for Legacy MMF links on OM1, OM2, OM3 fiber up to 220m
More results

Similar Description - AFBR-707SDZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SDZ AVAGO-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR,SFP Transceiver
logo
Broadcom Corporation.
AFBR-700SDZ BOARDCOM-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
AFBR-703SDZ BOARDCOM-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-709SMZ AVAGO-AFBR-709SMZ Datasheet
492Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR/SW, SFP Transceiver
AFBR-709ASMZ AVAGO-AFBR-709ASMZ Datasheet
493Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR/SW, SFP Transceiver
logo
Broadcom Corporation.
AFBR-703ASDZ BOARDCOM-AFBR-703ASDZ Datasheet
419Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703ASDZ AVAGO-AFBR-703ASDZ Datasheet
419Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
AFBR-703SNZ AVAGO-AFBR-703SNZ Datasheet
485Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, mini-SFP (mSFP) Transceiver
AFBR-708SMZ AVAGO-AFBR-708SMZ Datasheet
495Kb / 18P
   10Gb Ethernet, 850 nm, SFP USR, 100m on OM3 MMF Transceiver
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com