Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABCU-5710RZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ABCU-5710RZ
Description  1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ABCU-5710RZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ABCU-5710RZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ABCU-5710RZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ABCU-5710RZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ABCU-5710RZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ABCU-5710RZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ABCU-5710RZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ABCU-5710RZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ABCU-5710RZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ABCU-5710RZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Storage Temperature
TS
-40
+75
°C
Note 1
Case Temperature
TC
-40
+75
°C
Note 1 ,2
Relative Humidity
RH
5
95
%
Note 1
Module Supply Voltage
VCCT,R
-0.5
3.6
V
Note 1, 2
Data/Control Input Voltage
VI
-0.5
VCC
V
Note 1
Sense Output Current - LOS
ID
NA
mA
Note 1
Sense Output Current - MOD-DEF2
5.0
Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Case Temperature
TC
0
70
°C
Note 3
Module Supply Voltage
VCCT,R
3.135
3.3
3.465
V
Note 3
Data Rate
1.25
Gb/s
Note 3
Transceiver Electrical Characteristics
(TC = 0 °C to +70 °C, VCCT,R = 3.3 V ± 5%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
AC Electrical Characteristics
Power Supply Noise Rejection
(peak-peak)
PSNR
100
mV
Note 4
DC Electrical Characteristics
Module supply current
ICC
350
mA
Power Dissipation
PDISS
1100
mW
Sense Outputs:
MOD-DEF2
VOH
2.0
3.05
VCCT, R+ 0.3
V
Note 5
VOL
Control Inputs:
Transmitter Disable(TX_DISABLE),
MOD-DEF1, 2
VIH
2.0
VCC
V
Note 6
VIL
0
0.8
V
Notes:
1.
Absolute Maximum Ratings are those values beyond which damage to the device may occur if these limits are exceeded for other than a short
period of time. See Reliability Data Sheet for specific reliability performance.
2. Between Absolute Maximum Ratings and the Recommended Operating Conditions functional performance is not intended, device reliability
is not implied, and damage to the device may occur over an extended period of time.
3. Recommended Operating Conditions are those values outside of which functional performance is not intended, device reliability is not implied,
and damage to the device may occur over an extended period of time. See Reliability Data Sheet for specific reliability performance later when
it is ready.
4. MSA-specified filter is required on the host board to achieve PSNR performance over the frequency range 10 Hz to 2 MHz.
5. LVTTL, external 4.7-10 K
 pull-Up resistor required.
6. LVTTL, external 4.7-10 K
 pull-Up resistor required for MOD-DEF 1 and MOD-DEF 2.


Similar Part No. - ABCU-5710RZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ABCU-5710RZ BOARDCOM-ABCU-5710RZ Datasheet
653Kb / 28P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
logo
ATGBICS by Approved Tec...
ABCU-5710RZ-C ATGBICS-ABCU-5710RZ-C Datasheet
185Kb / 7P
   ABCU-5710RZ Avago Broadcom Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results

Similar Description - ABCU-5710RZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ABCU-5710RZ BOARDCOM-ABCU-5710RZ Datasheet
653Kb / 28P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
HBCU-5710R BOARDCOM-HBCU-5710R Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
AVAGO TECHNOLOGIES LIMI...
ABCU-5730RZ AVAGO-ABCU-5730RZ Datasheet
646Kb / 25P
   Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57M5APZ AVAGO-AFBR-57M5APZ Datasheet
286Kb / 19P
   850 nm, 2.125/1.0625 and 1.25 GBd Ethernet, Low Voltage (3.3 V), RoHS Compliant, SFP (Small Form Pluggable), Digital Diagnostic Optical Transceiver
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
HFBR-59L1AGEZ AVAGO-HFBR-59L1AGEZ Datasheet
258Kb / 13P
   1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
logo
Agilent(Hewlett-Packard...
HFBR-59L1AL HP-HFBR-59L1AL Datasheet
328Kb / 16P
   Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
HFBR-5921AL HP-HFBR-5921AL Datasheet
230Kb / 14P
   Fibre Channel 2.125/1.0625 GBd 850 nm (2 x 5) Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com