Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-5611Z Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5611Z
Description  Gigabit Interface Converters (GBIC) for Gigabit Ethernet
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5611Z Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5611Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5611Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5611Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5611Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5611Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5611Z Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5611Z Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5611Z Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5611Z Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Figure 2. Transmitter Optical Eye Diagram Mask
1.3
1.0
0.8
0.5
0.2
0
-0.2
NORMALIZED TIME
0
0.22
0.375
0.625
0.78
1.0
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Transmitter Differential Input Voltage
±TX_DAT
650
2000
mV p-p
Transmit Fault Load
TX_FAULTLoad
4.7
10
kW
1
TX-DISABLE Assert Time
t_off
10
µsec
2
TX_DISABLE Negate Time
T-on
1
msec
3
Time to initialize, includes reset of
TX_FAULT
t_init
300
msec
4
TX_FAULT from fault to assertion
t_fault
7
msec
5
TX_DISABLE time to start reset
t_reset
10
µsec
6
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Receiver Differential Output Voltage
±RX_DAT
370
2000
mV p-p
Receiver Output Rise Time
trRX_DAT
0.25
0.35
ns
7
Receiver Output Fall Time
tfRX_DAT
0.25
0.35
ns
7
Receiver Loss of Light Load
RX_LOSLoad
4.7
10
kW
1
Receiver Loss of Signal Output Voltage
- Low
RX_LOSL
0.0
0.5
V
Receiver Loss of Signal Output Voltage
- High
RX_LOSH
VCC-0.5
VCC+0.3
V
Receiver Loss of Signal Assert Time
- Logic low to high
tA,RX_LOS
100
µs
Receiver Loss of Signal Deassert Time
- Logic high to low
tD,RX_LOS
100
µs
Receiver Electrical Characteristics
(TA = 0°C to +60°C, VCC = 4.75 V to 5.25 V)
Notes:
1. 20 - 80 values.
2. Modulated with 27-1 PRBS pattern. Results are for a BER of IE-12.
3. Tested in accordance with the conformance testing requirements of IEEE802.3z.
4. Laser transmitter pulse response characteristics are specified by an eye diagram (Figure 2).
AFBR-5601Z
Transmitter Electrical Characteristics
(TA = 0°C to +60°C, VCC = 4.75 V to 5.25 V)


Similar Part No. - AFCT-5611Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5611Z AVAGO-AFCT-5611Z Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
Broadcom Corporation.
AFCT-5611Z BOARDCOM-AFCT-5611Z Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
More results

Similar Description - AFCT-5611Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5601 HP-HFBR-5601 Datasheet
288Kb / 14P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
Broadcom Corporation.
AFBR-5601Z BOARDCOM-AFBR-5601Z Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5601Z AVAGO-AFBR-5601Z_13 Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
Delta Electronics, Inc.
GBIC-1250B5LS DELTA-GBIC-1250B5LS Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250A3FR DELTA-GBIC-1250A3FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
logo
Socay Electornics Co., ...
ULC33CP8 SOCAY-ULC33CP8 Datasheet
296Kb / 3P
   Lightning & ESD Protection For Gigabit Ethernet Interface
logo
Molex Electronics Ltd.
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com