Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54294 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54294
Description  2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54294 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54294 Datasheet HTML 2Page - Texas Instruments TPS54294 Datasheet HTML 3Page - Texas Instruments TPS54294 Datasheet HTML 4Page - Texas Instruments TPS54294 Datasheet HTML 5Page - Texas Instruments TPS54294 Datasheet HTML 6Page - Texas Instruments TPS54294 Datasheet HTML 7Page - Texas Instruments TPS54294 Datasheet HTML 8Page - Texas Instruments TPS54294 Datasheet HTML 9Page - Texas Instruments TPS54294 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SW1
VBST1
EN1
VFB2
VFB1
GND
VREG5
PGND1
0.1uF
VO1
.
1.0uF
VBST2
EN2
SW2
VO2
0.1uF
VIN1
VIN2
5VREG
EN
Logic
EN Logic
UV1
OV1
Protection
Logic
Ref1
Ref 2
SS2
SS1
UV2
OV2
UV1
OV1
UV2
OV2
UVLO
UVLO
Fixed
SoftStart
REF
TSD
Ref1
Ref2
- 32
- 32
+20
+20
SS1
SS2
PGND1
PGND2
Err
Com
p
Err
Com
p
- 16%
+16%
PG1
- 16%
+16%
PG2
PG
Comp
PG
Comp
CH1 Min- off timer
CH2 Min- off timer
VIN1
VIN1
VIN2
PGND2
PGND2
SW2
Ref_OCL
OCP2
ZC2
SW2
PGND1
SW1
Ref_OCL
OCP1
ZC1
SW1
TPS54294
SLVSB00B
– OCTOBER 2011 – REVISED DECEMBER 2011
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54294


Similar Part No. - TPS54294

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54294 TI1-TPS54294 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941PWP TI1-TPS542941PWP Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941PWP TI1-TPS542941PWP Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54294

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54295 TI1-TPS54295 Datasheet
922Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI1-TPS54495_16 Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com