Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54295PWP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54295PWP
Description  2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54295PWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54295PWP Datasheet HTML 4Page - Texas Instruments TPS54295PWP Datasheet HTML 5Page - Texas Instruments TPS54295PWP Datasheet HTML 6Page - Texas Instruments TPS54295PWP Datasheet HTML 7Page - Texas Instruments TPS54295PWP Datasheet HTML 8Page - Texas Instruments TPS54295PWP Datasheet HTML 9Page - Texas Instruments TPS54295PWP Datasheet HTML 10Page - Texas Instruments TPS54295PWP Datasheet HTML 11Page - Texas Instruments TPS54295PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS54295
SLVSB01B
– OCTOBER 2011 – REVISED DECEMBER 2011
www.ti.com
Over-Current Protection
The output over-current protection (OCP) is implemented using a cycle-by-cycle valley detection control circuit.
The switch current is monitored by measuring the low-side FET switch voltage between the SWx and PGNDx
pins. This voltage is proportional to the switch current and the on-resistance of the FET. To improve the
measurement accuracy, the voltage sensing is temperature compensated.
During the on-time of the high-side FET switch, the switch current increases at a linear rate determined by VINx,
VOx, the on-time and the output inductor value. During the on-time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current IOx. If the sensed voltage on the
low-side FET is above the voltage proportional to the current limit, the converter keeps the low-side switch on
until the measured voltage falls below the voltage corresponding to the current limit and a new switching cycle
begins. In subsequent switching cycles, the on-time is set to the value determined for CCM and the current is
monitored in the same manner.
Following are some important considerations for this type of over-current protection. The load current is one half
of the peak-to-peak inductor current higher than the over-current threshold. Also when the current is being
limited, the output voltage tends to fall as the demanded load current may be higher than the current available
from the converter. When the over current condition is removed, the output voltage returns to the regulated
value. This protection is non-latching.
Over/Under Voltage Protection
TPS54295 monitors the resistor divided feedback voltage to detect over and under voltage. If the feedback
voltage is higher than 120% of the reference voltage, the OVP comparator output goes high and the circuit
latches both the high-side MOSFET driver and the low-side MOSFET driver off. When the feedback voltage is
lower than 68% of the reference voltage, the UVP comparator output goes high and an internal UVP delay
counter begins counting. After 1.5ms, TPS54295 latches OFF both the high-side MOSFET and the low-side
MOSFET drivers. This function is enabled approximately 1.7 times the softstart time after power-on. The OVP
and UVP latch off is reset when EN is toggled.
UVLO Protection
Under-voltage lock out protection (UVLO) monitors the voltage of the VREG5 pin. When the VREG5 voltage is lower
than the UVLO threshold, the TPS54295 shuts down. As soon as the voltage increases above the UVLO
threshold, the converter starts again.
Thermal Shutdown
TPS54295 monitors its temperature. If the temperature exceeds the threshold value (typically 155
°C), the device
shuts down. When the temperature falls below the threshold, the IC starts again.
When VIN1 starts up and VREG5 output voltage is below its nominal value, the thermal shutdown threshold is
lower than 155
°C. As long as VIN1 rises, TJ must be kept below 110°C.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54295


Similar Part No. - TPS54295PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54295PWP TI1-TPS54295PWP Datasheet
1Mb / 34P
[Old version datasheet]   TPS54295 2-A Dual Channel Synchronous Step-Down Switcher With Integrated FET
TPS54295PWPR TI1-TPS54295PWPR Datasheet
1Mb / 34P
[Old version datasheet]   TPS54295 2-A Dual Channel Synchronous Step-Down Switcher With Integrated FET
More results

Similar Description - TPS54295PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54294 TI1-TPS54294 Datasheet
918Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI1-TPS54495_16 Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com