Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54311-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54311-EP
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54311-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54311-EP Datasheet HTML 6Page - Texas Instruments TPS54311-EP Datasheet HTML 7Page - Texas Instruments TPS54311-EP Datasheet HTML 8Page - Texas Instruments TPS54311-EP Datasheet HTML 9Page - Texas Instruments TPS54311-EP Datasheet HTML 10Page - Texas Instruments TPS54311-EP Datasheet HTML 11Page - Texas Instruments TPS54311-EP Datasheet HTML 12Page - Texas Instruments TPS54311-EP Datasheet HTML 13Page - Texas Instruments TPS54311-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
PERFORMANCE GRAPHS
−30
−15
0
30
45
60
100
1 k
10 k
100 k
1 M
−90
−45
0
45
90
180
f − Frequency − Hz
LOOP RESPONSE
Gain
Phase
15
135
50
60
70
80
90
100
0
1
2
3
4
5
Load Current − A
EFFICIENCY
vs
LOAD CURRENT
3.3 VI
5 VI
Efficiency at 700 kHz
1.7
1.75
1.8
1.85
1.9
0
1
2
3
4
5
IL − Load Current − A
OUTPUT VOLTAGE
vs
LOAD CURRENT
3.3 VI
5 VI
VI 2 V/div
VO 2 V/div
VPWRGD 5 V/div
START-UP WAVEFORMS
Time − 2 ms/div
VO (AC)
10 mV/div
VI = 5 V
IO = 3 A
400 ns/div
OUTPUT RIPPLE VOLTAGE
Time − 100
µs/div
VO 50 mV/div
LOAD TRANSIENT RESPONSE
IO 2 A/div
Time − 10
µs/div
75
55
35
0
1
2
85
95
AMBIENT TEMPERATURE
vs
LOAD CURRENT
125
3
4
115
45
25
65
105
IL − Load Current − A
Safe Operating Area
Safe operating area is applicable to the test
board conditions listed in the Dissipation Rating
Table section of this data sheet.
DETAILED DESCRIPTION
Under Voltage Lock Out (UVLO)
TPS54311-EP, TPS54312-EP,
TPS54313-EP, TPS54314-EP,
TPS54315-EP, TPS54316-EP
SGLS376A – FEBRUARY 2007 – REVISED MARCH 2007
Figure 12.
Figure 13.
Figure 14.
Figure 15.
Figure 16.
Figure 17.
Figure 18.
The TPS54311-16 incorporates an under voltage lockout circuit to keep the device disabled when the input
voltage (VIN) is insufficient. During power up, internal circuits are held inactive until VIN exceeds the nominal
UVLO threshold voltage of 2.95 V. Once the UVLO start threshold is reached, device start-up begins. The
device operates until VIN falls below the nominal UVLO stop threshold of 2.8 V. Hysteresis in the UVLO
comparator, and a 2.5-
µs rising and falling edge deglitch circuit reduce the likelihood of shutting the device down
due to noise on VIN.
10
Submit Documentation Feedback


Similar Part No. - TPS54311-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54311-EP TI1-TPS54311-EP Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54311-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com