Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54394PWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54394PWP
Description  3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54394PWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS54394PWP Datasheet HTML 1Page - Texas Instruments TPS54394PWP Datasheet HTML 2Page - Texas Instruments TPS54394PWP Datasheet HTML 3Page - Texas Instruments TPS54394PWP Datasheet HTML 4Page - Texas Instruments TPS54394PWP Datasheet HTML 5Page - Texas Instruments TPS54394PWP Datasheet HTML 6Page - Texas Instruments TPS54394PWP Datasheet HTML 7Page - Texas Instruments TPS54394PWP Datasheet HTML 8Page - Texas Instruments TPS54394PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS54394
SLVSBE6 – JUNE 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
PACKAGE(2) (3)
ORDERING PART NUMBER
PINS
OUTPUT SUPPLY
TPS54394PWPR
Tape-and-Reel
–40
℃ to 85℃
PWP
16
TPS54394PWP
Tube
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
All packaging options have Cu NIPDAU lead/ball finish.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VIN1, VIN2, EN1, EN2
–0.3 to 20
VBST1, VBST2
–0.3 to 26
VBST1, VBST2 (10ns transient)
–0.3 to 28
Input voltage range
VBST1–SW1 , VBST2–SW2
–0.3 to 6.5
V
VFB1, VFB2
–0.3 to 6.5
SW1, SW2
–2 to 20
SW1, SW2 (10ns transient)
–3 to 22
VREG5, PG1, PG2
–0.3 to 6.5
Output voltage range
V
PGND1, PGND2
–0.3 to 0.3
Human Body Model (HBM)
2
kV
Electrostatic discharge
Charged Device Model (CDM)
500
V
TA
Operating ambient temperature range
–40 to 85
°C
TSTG
Storage temperature range
–55 to 150
°C
TJ
Junction temperature range
–40 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" are not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to IC GND terminal.
THERMAL INFORMATION
TPS54394
THERMAL METRIC(1)
UNITS
PWP (16) PINS
θJA
Junction-to-ambient thermal resistance
47.5
θJCtop
Junction-to-case (top) thermal resistance
27.1
θJB
Junction-to-board thermal resistance
20.8
°C/W
ψJT
Junction-to-top characterization parameter
1.0
ψJB
Junction-to-board characterization parameter
20.6
θJCbot
Junction-to-case (bottom) thermal resistance
2.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS54394


Similar Part No. - TPS54394PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394PWP TI1-TPS54394PWP Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394PWPR TI1-TPS54394PWPR Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54394PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI-TPS54394_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI-TPS54395_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com