Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54428DDAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54428DDAR
Description  4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54428DDAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54428DDAR Datasheet HTML 2Page - Texas Instruments TPS54428DDAR Datasheet HTML 3Page - Texas Instruments TPS54428DDAR Datasheet HTML 4Page - Texas Instruments TPS54428DDAR Datasheet HTML 5Page - Texas Instruments TPS54428DDAR Datasheet HTML 6Page - Texas Instruments TPS54428DDAR Datasheet HTML 7Page - Texas Instruments TPS54428DDAR Datasheet HTML 8Page - Texas Instruments TPS54428DDAR Datasheet HTML 9Page - Texas Instruments TPS54428DDAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SW
VBST
EN
VFB
GND
VO
4
5
6
2
1
7
VIN
SS
VIN
5
VREG
EN
Logic
SW
PGND
Protection
Logic
Ref
SS
UVLO
UVLO
Softstart
SS
REF
TSD
Ref
VREG5
8
VIN
Ceramic
Capacitor
3
SGND
SGND
PGND
SW
PGND
ZC
VREG5
VREG5
Control Logic
1 shot
XCON
TPS54428
SLVSB42A
– NOVEMBER 2011 – REVISED JANUARY 2012
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS54428


Similar Part No. - TPS54428DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54428DDAR TI1-TPS54428DDAR Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
More results

Similar Description - TPS54428DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS56428 TI-TPS56428 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS54239E TI-TPS54239E Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54239E TI-TPS54239E_15 Datasheet
963Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter With Eco-mode?
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E_15 Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com