Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54494PWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54494PWP
Description  4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54494PWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54494PWP Datasheet HTML 7Page - Texas Instruments TPS54494PWP Datasheet HTML 8Page - Texas Instruments TPS54494PWP Datasheet HTML 9Page - Texas Instruments TPS54494PWP Datasheet HTML 10Page - Texas Instruments TPS54494PWP Datasheet HTML 11Page - Texas Instruments TPS54494PWP Datasheet HTML 12Page - Texas Instruments TPS54494PWP Datasheet HTML 13Page - Texas Instruments TPS54494PWP Datasheet HTML 14Page - Texas Instruments TPS54494PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
400
450
500
550
600
650
700
750
800
0
5
10
15
20
Input Voltage (V)
VOUT2 = 1.5 V
IOUT2 = 1 A
G017
0
100
200
300
400
500
600
700
800
900
0.01
0.1
1
10
Output Current (A)
VOUT1 = 3.3 V
VIN1, VIN2 = 12 V
G018
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 5 V
VIN = 12 V
VIN = 18 V
G015
400
450
500
550
600
650
700
750
800
0
5
10
15
20
Input Voltage (V)
VOUT1 = 3.3 V
IOUT1 = 1 A
G016
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 6 V
VIN = 12 V
VIN = 18 V
G013
0
10
20
30
40
50
60
70
80
90
100
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Output Current (A)
VIN = 5 V
VIN = 12 V
VIN = 18 V
G014
TPS54494
www.ti.com
SLVSBH1 – JUNE 2012
TYPICAL CHARACTERISTICS (continued)
One output is enabled unless otherwise noted. VIN = VIN1 or VIN2. VIN = 12 V, TA = 25°C (unless otherwise noted).
Figure 13. VO1=1.5V, Efficiency vs Output Current
Figure 14. VO1=3.3V, Efficiency vs Output Current
Figure 15. VO2=1.5V, Efficiency vs Output Current
Figure 16. VO1=3.3V, SW-frequency vs Input Voltage
Figure 17. VO2=1.5V, SW-frequency vs Input Voltage
Figure 18. VO1=3.3V, SW-frequency vs Output Current
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS54494


Similar Part No. - TPS54494PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54494PWP TI1-TPS54494PWP Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494PWPR TI1-TPS54494PWPR Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54494PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54495 TI1-TPS54495_16 Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI1-TPS54494_16 Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI1-TPS54495 Datasheet
932Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI-TPS54495_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com