Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV02-0745EN Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AV02-0745EN
Description  The 4-pin MOST Optical Receiver (ODIN MPR4 02)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AV02-0745EN Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AV02-0745EN Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AV02-0745EN Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AV02-0745EN Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AV02-0745EN Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AV02-0745EN Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Table 4.1 AC Electrical Characteristics 45Mbaud (44.1kHz)
Limit
Values
Parameter
Symbol
min.
typ.
max.
Unit
Output Rise Time @ Vcc_l [1][4]
tr_l
6
9
ns
Output Rise Time @ Vcc_h [1][4]
tr_h
5
9
ns
Output Fall Time @ Vcc_l [1][4]
tf_l
6
9
ns
Output Fall Time @ Vcc_h [1][4]
tf_h
5
9
ns
Output Pulse Width Variation 1UI [1][][3][4][5]
tPWV
16.5
31.0
ns
Output Average Pulse Width Distortion[1][][3][4]
tAPWD
-3.3
7.0
ns
Data Dependent Link Jitter[][3][4]
tDDJ
3.3
ns
Uncorrelated Link Jitter[][3][4]
tUJ
1.0
ns
Power-up time at detection of rising VCC
tPUO
0.1
6
ms
Power-up time from low power mode
tPU
0.5
6
ms
Low Power mode timer delay
tLPM
0.005

ms
Notes:
1. Capacitive Load is max. 10pF.
2. MOST Data 44.1 kHz FS corresponds to a 45 MBaud data stream.
3. The optical input signal has to fulfill following requirements: tPWV(min) = 20.0 ns, tPWV(max) = 24.3 ns, tAPWD(min) = -1.4 ns and tAPWD(max) = 1.4 ns,
tDDJ(max).= 0.77 ns, tUJ(max).= 0.33 ns, Positive Overshoot within 0UI...2/3UI = -20...40%, Extinction Ratio min = 10dB. Variation within those limits
does not significantly change tPWV.
4. Characterized with Avago Characterization Boards as described in the Application note “Application Note MOST circuit for Avago ODIN
Transceiver“.
5. Limits for 2UI are 38.6 ... 53.1ns and for 3UI they are 60.8 ... 75.2ns.
Table 4.2 Electrical Characteristics 49.152MBaud (48kHz)
Limit
Values
Parameter
Symbol
min.
typ.
max.
Unit
Output Rise Time @ Vcc_l [1][4]
tr_l
6
9
ns
Output Rise Time @ Vcc_h [1][4]
tr_h
5
9
ns
Output Fall Time @ Vcc_l [1][4]
tf_l
6
9
ns
Output Fall Time @ Vcc_h [1][4]
tf_h
5
9
ns
Output Pulse Width Variation 1UI [1][][3][4][5]
tPWV
15.1
8.5
ns
Output Average Pulse Width Distortion[1][][3][4]
tAPWD
-3.0
6.4
ns
Data Dependent Link Jitter[][3][4]
tDDJ
3.1
ns
Uncorrelated Link Jitter[][3][4]
tUJ
0.9
ns
Power-up time at detection of rising VCC
tPUO
0.1
6
ms
Power-up time from low power mode
tPU
0.5
6
ms
Low Power mode timer delay
tLPM
0.005

ms
Notes:
1. Capacitive Load is max. 10pF.
2. MOST Data 48kHz FS corresponds to a 49.152MBaud data stream.
3. The optical input signal has to fulfill following requirements: tPWV(min) = 18.37ns. tpwv(max) = 22.32ns, tAPWD(min) = -1.28ns, tAPWD(max) = 1.28ns,
tDDJ(max) = 0.71ns and tUJ(max) = 0.3ns, Positive Overshoot within 0UI...2/3UI = -20...40%, Extinction Ratio min = 10dB. Variation within those limits
does not significantly change tPWV.
4. Characterized with Avago Characterization Boards as described in the Application note “Application Note MOST circuit for Avago ODIN
Transceiver“.
5. Limits for 2UI are 35.47 … 48.825ns and for 3UI are 55.81 … 69.17ns.


Similar Part No. - AV02-0745EN

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AV02-0744EN AVAGO-AV02-0744EN Datasheet
279Kb / 5P
   The 4-pin MOST Optical Receiver (ODIN MIR4 02)
AV02-0746EN AVAGO-AV02-0746EN Datasheet
153Kb / 5P
   The 4-pin MOST Optical Receiver (ODIN MOR4 02)
More results

Similar Description - AV02-0745EN

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AV02-0746EN AVAGO-AV02-0746EN Datasheet
153Kb / 5P
   The 4-pin MOST Optical Receiver (ODIN MOR4 02)
AV02-0744EN AVAGO-AV02-0744EN Datasheet
279Kb / 5P
   The 4-pin MOST Optical Receiver (ODIN MIR4 02)
logo
Emcore Corporation
7820R EMCORE-7820R Datasheet
613Kb / 6P
   Optical Receiver
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Optoway Technology Inc
PT-3600G OPTOWAY-PT-3600G Datasheet
63Kb / 2P
   8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
FL-3615 OPTOWAY-FL-3615 Datasheet
54Kb / 2P
   8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
logo
KODENSHI_AUK CORP.
SG128 KODENSHI-SG128 Datasheet
142Kb / 3P
   The most suitable detection distance
logo
Optoway Technology Inc
FL-3620 OPTOWAY-FL-3620 Datasheet
55Kb / 2P
   8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
logo
Hamamatsu Corporation
L10663-01 HAMAMATSU-L10663-01 Datasheet
554Kb / 3P
   Transmitter/Receiver photo IC for optical link 3.3 V operation, for MOST automotive network
logo
NXP Semiconductors
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
   Optical receiver modules
2000 Apr 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com