Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54610-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54610-Q1
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54610-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54610-Q1 Datasheet HTML 2Page - Texas Instruments TPS54610-Q1 Datasheet HTML 3Page - Texas Instruments TPS54610-Q1 Datasheet HTML 4Page - Texas Instruments TPS54610-Q1 Datasheet HTML 5Page - Texas Instruments TPS54610-Q1 Datasheet HTML 6Page - Texas Instruments TPS54610-Q1 Datasheet HTML 7Page - Texas Instruments TPS54610-Q1 Datasheet HTML 8Page - Texas Instruments TPS54610-Q1 Datasheet HTML 9Page - Texas Instruments TPS54610-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
VSENSE
COMP
PWRGD
BOOT
PH
PH
PH
PH
PH
PH
PH
PH
PH
RT
SYNC
SS/ENA
VBIAS
VIN
VIN
VIN
VIN
VIN
PGND
PGND
PGND
PGND
PGND
PWP PACKAGE
(TOP VIEW)
THERMAL
PAD
TPS54610-Q1
SLVS726 – JANUARY 2007
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
AGND
1
Analog ground. Return for compensation network/output divider, slow-start capacitor, VBIAS capacitor, RT
resistor and SYNC pin. Connect PowerPAD to AGND.
BOOT
5
Bootstrap output. 0.022-µF to 0.1-µF low-ESR capacitor connected from BOOT to PH generates floating drive for
the high-side FET driver.
COMP
3
Error amplifier output. Connect frequency compensation network from COMP to VSENSE
PGND
15-19
Power ground. High current return for the low-side driver and power MOSFET. Connect PGND with large copper
areas to the input and output supply returns, and negative terminals of the input and output capacitors. A single
point connection to AGND is recommended.
PH
6-14
Phase output. Junction of the internal high-side and low-side power MOSFETs, and output inductor.
PWRGD
4
Power good open drain output. High when VSENSE
≥ 90% V
ref, otherwise PWRGD is low. Note that output is low
when SS/ENA is low or the internal shutdown signal is active.
RT
28
Frequency setting resistor input. Connect a resistor from RT to AGND to set the switching frequency. When using
the SYNC pin, set the RT value for a frequency at or slightly lower than the external oscillator frequency.
SS/ENA
26
Slow-start/enable input/output. Dual function pin that provides logic input to enable/disable device operation and
capacitor input to externally set the start-up time.
SYNC
27
Synchronization input. Dual function pin that provides logic input to synchronize to an external oscillator or pin
select between two internally set switching frequencies. When used to synchronize to an external signal, a
resistor must be connected to the RT pin.
VBIAS
25
Internal bias regulator output. Supplies regulated voltage to internal circuitry. Bypass VBIAS pin to AGND pin with
a high quality, low-ESR 0.1-µF to 1.0-µF ceramic capacitor.
VIN
20-24
Input supply for the power MOSFET switches and internal bias regulator. Bypass VIN pins to PGND pins close to
device package with a high quality, low-ESR 10-µF ceramic capacitor.
VSENSE
2
Error amplifier inverting input. Connect to output voltage through compensation network/output divider.
6
Submit Documentation Feedback


Similar Part No. - TPS54610-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results

Similar Description - TPS54610-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610 TI-TPS54610_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS54610 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher with Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com