Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ806 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # KBJ806
Description  Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

KBJ806 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  KBJ806 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd KBJ806 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop,high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has U/L flammability
classification 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL KBJ8005 KBJ801
KBJ802
KBJ804
KBJ806
KBJ808
KBJ810
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
30
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 4.0A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 75mm*75mm*1.6mm cu plate heatsink.
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT - 8.0 Amperes
Dimensions in inches and (milimeters)
For capacitive load, derate current by 20%
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25℃ ambient temperature unless otherwise specified.
-55 to +125
IFSM
120
55
1.8
500
uA
A
200
8.0
2.9
A
IR
1.0
I(AV)
-55 to +150
10
KBJ
+
~ ~
_
? .122(3.1)
? .134(3.4)
.031(0.8)
.023(0.6)
.098(2.5)
.114(2.9)
.213(5.4)
.197(5.0)
.157(4.0)
.173(4.4)
.043(1.1)
.035(0.9)
.075(1.9)
.094(2.4)
.106(2.7)
.096(2.3)
1.169(29.7)
1.193(30.3)
SPACING
.303(7.7)
.287(7.3)
.287(7.3)
.303(7.7)
.402(10.2)
.386(9.8)
KBJ8005-KBJ810
Silicon Bridge Rectifiers
Features
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - KBJ806

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
KBJ806 UNIOHM-KBJ806 Datasheet
66Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
RFE international
KBJ806 RFE-KBJ806 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Goodwork Semiconductor ...
KBJ806 GWSEMI-KBJ806 Datasheet
67Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Chongqing Pingwei Enter...
KBJ806 CHONGQING-KBJ806 Datasheet
203Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ806 CHONGQING-KBJ806 Datasheet
203Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ806

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com