Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61087QDRCRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61087QDRCRQ1
Description  650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61087QDRCRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61087QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 9Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 10Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 11Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 12Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 13Page - Texas Instruments TPS61087QDRCRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
2
-
0.35
IN
S
IN
S
out
S
V
V
V
L
V
I
f
h
æ
ö
æ
ö
æ
ö
=
×
×
ç
÷
ç
÷
ç
÷
×
è
ø
è
ø
è
ø
TPS61087-Q1
SLVSB50
– DECEMBER 2011
www.ti.com
Inductor Selection
The TPS61087-Q1 is designed to work with a wide range of inductors. The main parameter for the inductor
selection is the saturation current of the inductor which should be higher than the peak switch current as
calculated in the Design Procedure section with additional margin to cover for heavy load transients. An
alternative, more conservative, is to choose an inductor with a saturation current at least as high as the
maximum switch current limit of 4.8 A. The other important parameter is the inductor DC resistance. Usually the
lower the DC resistance the higher the efficiency. It is important to note that the inductor DC resistance is not the
only parameter determining the efficiency. Especially for a boost converter where the inductor is the energy
storage element, the type and core material of the inductor influences the efficiency as well. At high switching
frequencies of 1.2 MHz inductor core losses, proximity effects and skin effects become more important. Usually
an inductor with a larger form factor gives higher efficiency. The efficiency difference between different inductors
can vary between 2% to 10%. For the TPS61087-Q1, inductor values between 3
μH and 6 μH are a good choice
with a switching frequency of 1.2 MHz, typically 3.3
μH. At 650 kHz we recommend inductors between 6 μH and
13
μH, typically 6.8 μH. Possible inductors are shown in Table 1.
Typically, it is recommended that the inductor current ripple is below 35% of the average inductor current.
Therefore, the following equation can be used to calculate the inductor value, L:
(5)
with
VIN
Minimum input voltage
VS
Output voltage
Iout
Maximum output current in the application
fS
Converter switching frequency (typically 1.2 MHz or 650 kHz)
η
Estimated converter efficiency (please use the number from the efficiency plots or 90% as an estimation)
Table 1. Inductor Selection
L
COMPONENT
SIZE
DCR TYP
SUPPLIER
Isat (A)
CODE
(
μH)
(L
×W×H mm)
(m
Ω)
1.2 MHz
4.2
Sumida
CDRH5D28
5.7
× 5.7 × 3
23
2.2
4.7
Wurth Elektronik
7447785004
5.9
× 6.2 × 3.3
60
2.5
5
Coilcraft
MSS7341
7.3
× 7.3 × 4.1
24
2.9
5
Sumida
CDRH6D28
7
× 7 × 3
23
2.4
4.6
Sumida
CDR7D28
7.6
× 7.6 × 3
38
3.15
4.7
Wurth Elektronik
7447789004
7.3
× 7.3 × 3.2
33
3.9
3.3
Wurth Elektronik
7447789003
7.3
× 7.3 × 3.2
30
4.2
650 kHz
10
Wurth Elektronik
744778910
7.3
× 7.3 × 3.2
51
2.2
10
Sumida
CDRH8D28
8.3
× 8.3 × 3
36
2.7
6.8
Sumida
CDRH6D26HPNP
7
× 7 × 2.8
52
2.9
6.2
Sumida
CDRH8D58
8.3
× 8.3 × 6
25
3.3
10
Coilcraft
DS3316P
12.95
× 9.40 ×
80
3.5
5.08
10
Sumida
CDRH8D43
8.3
× 8.3 × 4.5
29
4
6.8
Wurth Elektronik
74454068
12.7
× 10 × 4.9
55
4.1
10
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS61087QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087QDRCRQ1 TI1-TPS61087QDRCRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61087-Q1 650-kHz or 1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
More results

Similar Description - TPS61087QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087 TI-TPS61087_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS61087 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61087-Q1 TI1-TPS61087-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61087-Q1 650-kHz or 1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com