Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61161-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61161-Q1
Description  WHITE LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL FOR UP TO 10 LEDs IN SERIES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61161-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61161-Q1 Datasheet HTML 1Page - Texas Instruments TPS61161-Q1 Datasheet HTML 2Page - Texas Instruments TPS61161-Q1 Datasheet HTML 3Page - Texas Instruments TPS61161-Q1 Datasheet HTML 4Page - Texas Instruments TPS61161-Q1 Datasheet HTML 5Page - Texas Instruments TPS61161-Q1 Datasheet HTML 6Page - Texas Instruments TPS61161-Q1 Datasheet HTML 7Page - Texas Instruments TPS61161-Q1 Datasheet HTML 8Page - Texas Instruments TPS61161-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS61161-Q1
SLVSA18 – SEPTEMBER 2009......................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.6 V, CTRL = VIN, TA = –40°C to 125°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EasyScale TIMING
tstart
Start time of program stream
2
µs
tEOS
End time of program stream
2
360
µs
tH_LB
High time low bit
Logic 0
2
180
µs
tL_LB
Low time low bit
Logic 0
2 × tH_LB
360
µs
tH_HB
High time high bit
Logic 1
2 × tL_HB
360
µs
tL_HB
Low time high bit
Logic 1
2
180
µs
VACKNL
Acknowledge output voltage low
Open drain, Rpullup =15 kΩ to VIN
0.4
V
tvalACKN
Acknowledge valid time
See (2)
2
µs
tACKN
Duration of acknowledge condition
See (2)
512
µs
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
160
°C
Thysteresis
Thermal shutdown threshold hysteresis
15
°C
(2)
Acknowledge condition active 0, this condition will only be applied in case the RFA bit is set. Open drain output, line needs to be pulled
high by the host with resistor load.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS61161-Q1


Similar Part No. - TPS61161-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61161-Q1 TI1-TPS61161-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS61161-Q1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6067GU ROHM-BD6067GU_12 Datasheet
564Kb / 17P
   White LED Driver with PWM Brightness Control for up to 8 LEDs in Series
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
   White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com