Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSM-291F Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSM-291F
Description  The HDSM-291x/293x is a dual digit display of 0.28??(7.0mm) height. This device utilizes AlInGaP / GaAs chips and has a grey surface with white segments.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSM-291F Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSM-291F Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSM-291F Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSM-291F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSM-291F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSM-291F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSM-291F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSM-291F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSM-291F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSM-291F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Yellow
1.0
0.5
0
30
20
10
40
0
0
20
10
30
40
4
0
1
2
3
WAVELENGTH(nm)
FORWARD CURRENT IF(mA)
FORWARD VOLTAGE(V)
AMBIENT TEMPERATURE(°C)
400
1.0
05
10
15
20
25
45
30
3540
50
1.5
2.0
2.5
3.0
3.5
550
450
500
600
650
700
80
0
40
20
10
3060
50
70
90
100 110
Figure 1. Relative Intensity vs. Wavelength
Figure 2. Relative Intensity vs. Forward Current
Figure 3. Allowable DC Current vs. Ambient Temperature
Figure 4. Forward Current vs. Forward Voltage


Similar Part No. - HDSM-291F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-291F AVAGO-HDSM-291F Datasheet
217Kb / 9P
   Dual digit surface mount LED display
More results

Similar Description - HDSM-291F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-541C AVAGO-HDSM-541C Datasheet
210Kb / 9P
   The HDSM-541x/543x is a dual digit display of 0.56??(14.22mm) height. This device utilizes AlInGaP / GaAs chips and has a grey top surface with white segments.
logo
BRIGHT LED ELECTRONICS ...
BD-F284RD BRIGHT-BD-F284RD Datasheet
148Kb / 3P
   0.28"(7.0mm) DUAL DIGIT DISPLAY
BD-E284RD BRIGHT-BD-E284RD Datasheet
170Kb / 3P
   0.28"(7.0mm) DUAL DIGIT DISPLAY
BD-F286RD BRIGHT-BD-F286RD Datasheet
144Kb / 3P
   0.28(7.0mm) DUAL DIGIT LED DISPLAY
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-281C AVAGO-HDSM-281C Datasheet
216Kb / 9P
   0.28??(7.0mm) Single digit surface mount LED display
logo
Lite-On Technology Corp...
LTD-2701P LITEON-LTD-2701P Datasheet
132Kb / 5P
   The LTD-2701P is a 0.28 inch (7mm) digit height dual digit seven-segment display
LTC-2721P LITEON-LTC-2721P Datasheet
144Kb / 5P
   0.28 inch (7.0mm) DIGIT HEIGHT
logo
BetLux Electronics
BL-S28A-12 BETLUX-BL-S28A-12 Datasheet
333Kb / 5P
   7.0mm (0.28) Single digit numeric display series
logo
LUMEX INC.
LDT-M2804RI LUMEX-LDT-M2804RI Datasheet
99Kb / 2P
   0.28 THREE DIGIT SEVEN SEGMENT DISPLAY, RED CHIPS, GRAY FACE, WHITE DIFFUSED SEGMENTS.
logo
Lite-On Technology Corp...
LTC-2721Y LITEON-LTC-2721Y Datasheet
145Kb / 5P
   0.28 inch (7.0mm) DIGIT HEIGHT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com