Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSM-541F Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSM-541F
Description  The HDSM-541x/543x is a dual digit display of 0.56??(14.22mm) height. This device utilizes AlInGaP / GaAs chips and has a grey top surface with white segments.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSM-541F Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HDSM-541F Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSM-541F Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSM-541F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSM-541F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSM-541F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSM-541F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSM-541F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSM-541F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSM-541F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Electrical / Optical Characteristics @ TA=25°C
Green
Parameters
Symbol
Min
Typ
Max
Unit
Test Condition
Average Luminous Intensity
IV
5.4
10.5
-
mcd
IF = 10mA
Emissions Wavelength
Op/Od
-
572/571
-
nm
IF = 20mA
Spectral Line Half-Width
'O
-
20
-
nm
IF = 20mA
Forward Voltage, Per Segment
VF
-
2.1
2.6
V
IF = 20mA
Reverse Current, Per Segment
IR
-
100
PA
VR = 5V
Luminous Intensity Matching Ratio
IV-M
-
-
2:1
-
IF = 10mA
Yellow
Parameters
Symbol
Min
Typ
Max
Unit
Test Condition
Average Luminous Intensity
IV
8.6
20
-
mcd
IF = 10mA
Emissions Wavelength
Op/Od
-
591/589
-
nm
IF = 20mA
Spectral Line Half-Width
'O
-
15
-
nm
IF = 20mA
Forward Voltage, Per Segment
VF
-
2.1
2.6
V
IF = 20mA
Reverse Current, Per Segment
IR
-
100
PA
VR = 5V
Luminous Intensity Matching Ratio
IV-M
-
-
2:1
-
IF = 10mA
Red
Parameters
Symbol
Min
Typ
Max
Unit
Test Condition
Average Luminous Intensity
IV
8.6
16.0
-
mcd
IF = 10mA
Emissions Wavelength
Op/Od
-
632/624
-
nm
IF = 20mA
Spectral Line Half-Width
'O
-
20
-
nm
IF = 20mA
Forward Voltage, Per Segment
VF
-
2.0
2.6
V
IF = 20mA
Reverse Current, Per Segment
IR
-
100
PA
VR = 5V
Luminous Intensity Matching Ratio
IV-M
-
-
2:1
-
IF = 10mA
Orange
Parameters
Symbol
Min
Typ
Max
Unit
Test Condition
Average Luminous Intensity
IV
8.6
19.5
-
mcd
IF = 10mA
Emissions Wavelength
Op/Od
-
611/605
-
nm
IF = 20mA
Spectral Line Half-Width
'O
-
17
-
nm
IF = 20mA
Forward Voltage, Per Segment
VF
-
2.1
2.6
V
IF = 20mA
Reverse Current, Per Segment
IR
-
100
PA
VR = 5V
Luminous Intensity Matching Ratio
IV-M
-
-
2:1
-
IF = 10mA


Similar Part No. - HDSM-541F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-541B AVAGO-HDSM-541B Datasheet
163Kb / 6P
   0.56inch (14.0mm) Dual digit surface mount LED display
HDSM-541W AVAGO-HDSM-541W Datasheet
144Kb / 5P
   0.56inch (14.0mm) Dual digit surface mount LED display
logo
Broadcom Corporation.
HDSM-541W BOARDCOM-HDSM-541W Datasheet
367Kb / 9P
   0.56-in. (14.0-mm) Dual-Digit Surface-Mount LED Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-541X AVAGO-HDSM-541X Datasheet
259Kb / 9P
   Dual digit surface mount LED display
More results

Similar Description - HDSM-541F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-291C AVAGO-HDSM-291C Datasheet
217Kb / 9P
   The HDSM-291x/293x is a dual digit display of 0.28??(7.0mm) height. This device utilizes AlInGaP / GaAs chips and has a grey surface with white segments.
logo
Lite-On Technology Corp...
LSHD-5503 LITEON-LSHD-5503 Datasheet
102Kb / 5P
   The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
logo
SunLED Corporation
DMR14C2 SUNLED-DMR14C2 Datasheet
193Kb / 4P
   14.22mm (0.56?? DUAL DIGIT MUMERIC DISPLAY
DBBA14A2 SUNLED-DBBA14A2 Datasheet
196Kb / 4P
   14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
DUG14A2 SUNLED-DUG14A2 Datasheet
187Kb / 4P
   14.22mm (0.56?? DUAL DIGIT NUMERIC DISPLAY
logo
List of Unclassifed Man...
XDUG14C2 ETC1-XDUG14C2 Datasheet
217Kb / 3P
   14.22mm (0.56) DUAL DIGIT MUMERIC DISPLAY
logo
SunLED Corporation
DUY14A2 SUNLED-DUY14A2 Datasheet
189Kb / 4P
   14.22mm (0.56?? DUAL DIGIT NUMERIC DISPLAY
DMR14A2 SUNLED-DMR14A2 Datasheet
187Kb / 4P
   14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
DUR14C2 SUNLED-DUR14C2 Datasheet
188Kb / 4P
   14.22mm (0.56?? DUAL DIGIT MUMERIC DISPLAY
DUR14A2 SUNLED-DUR14A2 Datasheet
187Kb / 4P
   14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com