Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-711XPDZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-711XPDZ
Description  Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-711XPDZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-711XPDZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Transmitter Optical Characteristics 10 GbE/10GFC
(TC = -5 °C to +70 °C, VCC3 = 3.3 V ± 5%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Optical Output Power
Pout
-5.2
dBm OMA
1, 2
Average Optical Output Power
Pout
-8.2
0.5
dBm
1, 2
Extinction Ratio
ER
3.5
dB
1, 2
Spectral Width - rms
s, rms
0.2
nm RMS
3
Center Wavelength
lC
1260
1310
1355
nm
Transmitter and dispersion penalty
TDP
3.2
dB
1, 2
Side mode suppression ratio
30
dB
1
Optical output power (min)
in OMA - TDP
-6.2
dBm OMA
1, 2
RIN12 (OMA)
RIN
-128
dB/Hz
1
Optical eye mask
Compliant with IEEE 802.3ae 10GBASE-LR
Receiver Optical Characteristics 10 GbE/10GFC
(TC = -5 °C to +70 °C, VCC3 = 3.3 V ± 5%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Average Receive power
-14.4
0.5
dBm mean
1
Stressed receiver sensitivity
-10.3
dBm OMA
1
Receiver sensitivity
PIN
-12.6
dBm OMA
3
Max Receiver Reflectance
-12
dB
1
Wavelength
lC
1260
1310
1355
nm
Jitter Tolerance Compliant
with XFP MSA Rev 4.5


Similar Part No. - AFCT-711XPDZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
521Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
More results

Similar Description - AFCT-711XPDZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-711XPD AVAGO-HFCT-711XPD Datasheet
340Kb / 14P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
AFCT-721XPDZ AVAGO-AFCT-721XPDZ Datasheet
521Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
HFCT-721XPD AVAGO-HFCT-721XPD Datasheet
447Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Broadcom Corporation.
AFCT-721XPDZ BOARDCOM-AFCT-721XPDZ Datasheet
521Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Finisar Corporation.
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
logo
FCI connector
TRX10GDP0301 FCI-CONNECTOR-TRX10GDP0301 Datasheet
1Mb / 10P
   10Gbit/s XFP LR, 1310 nm Transceiver
logo
Finisar Corporation.
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
logo
Optoway Technology Inc
XPM-2101WG OPTOWAY-XPM-2101WG Datasheet
293Kb / 9P
   10Gb/s 1310 nm XFP Extended Multi-Mode Optical Transceiver for 10GbE-LRM Applications
logo
Finisar Corporation.
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com