Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-721XPDZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-721XPDZ
Description  10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-721XPDZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-721XPDZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-721XPDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image

Table 1. Electrical Pin Definitions
Pin
Name
Logic
Function/Description
Notes
1
GND
ModuleGround
1
2
VEE5
-5.2Vpowersupply.(NotUsed)
3
Mod-Desel
LVTTL-I
ModuleDe-select;Whenheldlowallowsthemoduletorespondto2-wireSe-
rialinterfacecommands
4
4
Interrupt
LVTTL-O
Interrupt;Indicatespresenceofanimportantconditionwhichcanbereadover
theserial2-wireinterface
2
5
TX_DIS
LVTTL-I
TransmitterDisable;TransmitterLaserSourceTurnedOff
4
6
VCC5
5Vpowersupply.(NotUsed)
7
GND
ModuleGround
1
8
VCC3
+3.3VPowerSupply
9
VCC3
+3.3VPowerSupply
10
SCL
LVTTL-I
TwoWireInterfaceClock
2
11
SDA
LVTTL-I/O
TwoWireInterfaceDataLine
2
12
Mod_Abs
LVTTL-O
LVTTL-OMod_AbsIndicatesModuleisnotpresent.GroundedintheModule
2
13
Mod_NR
LVTTL-O
ModuleNotReady;IndicatingModuleOperationalFault
2
14
RX_LOS
LVTTL-O
ReceiverLossOfSignalIndicator
2
15
GND
ModuleGround
1
16
GND
ModuleGround
1
17
RD-
CML-O
ReceiverInvertedDataOutput
18
RD+
CML-O
ReceiverNon-InvertedDataOutput
19
GND
ModuleGround
1
20
VCC2
+1.8VPowerSupply.(NotUsed)
21
P_Down/RST LVTTL-I
Powerdown:Whenhigh,themoduleisputintoalowerpowermode.Serial
interfaceisfunctionalinthelowpowermode.Reset:Thefallingedgeinitiates
acompleteresetofthemoduleincludingtheserialInterface,equivalenttoa
powercycle.
4
22
VCC2
+1.8VPowerSupply.(NotUsed)
23
GND
ModuleGround
1
24
RefCLK+
PECL-I
ReferenceClockNon-InvertedInput,ACcoupledonthehostboard(NotUsed)
3
25
RefCLK-
PECL-I
ReferenceClockInvertedInput,ACcoupledonthehostboard(NotUsed)
3
26
GND
ModuleGround
1
27
GND
ModuleGround
1
28
TD-
CML-I
TransmitterInvertedDataInput
29
TD+
CML-I
TransmitterNon-InvertedDataInput
30
GND
ModuleGround
1
Notes:
1. ModulegroundpinsGndareisolatedfromthemodulecaseandchassisgroundwithinthemodule.
2. OpenCollectorshouldbepulledupwith4.7KWto10KWtoavoltagebetween3.15Vand3.6Vonthehostboard.
3. RefCLK+/-areinternallyterminated(50W)
4. PulleduptoVcc3via4.7-10KWresistorinsidethemodule


Similar Part No. - AFCT-721XPDZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-721XPDZ BOARDCOM-AFCT-721XPDZ Datasheet
521Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
More results

Similar Description - AFCT-721XPDZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-721XPDZ BOARDCOM-AFCT-721XPDZ Datasheet
521Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-721XPD AVAGO-HFCT-721XPD Datasheet
447Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Optoway Technology Inc
XPS-2110WG OPTOWAY-XPS-2110WG Datasheet
232Kb / 8P
   10Gb/s 10km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2110WG OPTOWAY-XPS-2110WG_07 Datasheet
236Kb / 9P
   10Gb/s 10km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2140WG OPTOWAY-XPS-2140WG Datasheet
293Kb / 9P
   10Gb/s 40km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-711XPD AVAGO-HFCT-711XPD Datasheet
340Kb / 14P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Optoway Technology Inc
XPS-2120WG OPTOWAY-XPS-2120WG Datasheet
292Kb / 9P
   10Gb/s 20 km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPM-2100WG OPTOWAY-XPM-2100WG Datasheet
234Kb / 8P
   10Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 10GbE / 10GFC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com