Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62590TDRVRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62590TDRVRQ1
Description  1-A Step-Down Converter in 2-mm2-mm QFN Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590TDRVRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62590TDRVRQ1 Datasheet HTML 4Page - Texas Instruments TPS62590TDRVRQ1 Datasheet HTML 5Page - Texas Instruments TPS62590TDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS62590TDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS62590TDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS62590TDRVRQ1 Datasheet HTML 9Page - Texas Instruments TPS62590TDRVRQ1 Datasheet HTML 10Page - Texas Instruments TPS62590TDRVRQ1 Datasheet HTML 11Page - Texas Instruments TPS62590TDRVRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
1.78
1.8
1.82
1.84
1.86
1.88
1.9
PFMMode,VoltagePositioningOn
PWMMode
0.00001
0.0001
0.001
0.01
0.1
1
I -OutputCurrent- A
O
V =2.7V, T =25°C
I
A
V =3.6V, T =25°C
I
A
V =4.5V, T =25°C
I
A
V =1.8V,
MODE=GND
O
V =1.8V,
MODE=V
O
I
0.00001
0.0001
0.001
0.01
0.1
1
I -OutputCurrent- A
O
1.75
1.77
1.79
1.81
1.83
1.85
V =2.7V, T =25°C
I
A
V =3.6V, T =25°C
I
A
V =4.5V, T =25°C
I
A
3.25
3.27
3.29
3.31
3.33
3.35
0.00001
0.0001
0.001
0.01
0.1
1
I -OutputCurrent- A
O
V =5V, T =25°C
I
A
V =3.7V, T =25°C
I
A
V =4.5V, T =25°C
I
A
V =4.2V, T =25°C
I
A
V =3.3V,
MODE=V
O
I
3.2
3.24
3.28
3.32
3.36
3.4
0.00001
0.0001
0.001
0.01
0.1
1
I -OutputCurrent- A
O
V =4.5V, T =25°C
I
A
V =4.2V, T =25°C
I
A
V =3.3V,
MODE=GND
O
PFMMode,VoltagePositioningOn
PWMMode
TPS62590-Q1
SLVSAO5A – DECEMBER 2010 – REVISED APRIL 2012
www.ti.com
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62590-Q1


Similar Part No. - TPS62590TDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
More results

Similar Description - TPS62590TDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62825 TI1-TPS62825_18 Datasheet
1Mb / 24P
[Old version datasheet]   2-, 3-A Step-Down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com