Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST89E564RD Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST89E564RD
Description  FlashFlex51 MCU
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E564RD Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST89E564RD Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89E564RD Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89E564RD Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89E564RD Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89E564RD Datasheet HTML 11Page - Silicon Storage Technology, Inc SST89E564RD Datasheet HTML 12Page - Silicon Storage Technology, Inc SST89E564RD Datasheet HTML 13Page - Silicon Storage Technology, Inc SST89E564RD Datasheet HTML 14Page - Silicon Storage Technology, Inc SST89E564RD Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
11
©2001 Silicon Storage Technology, Inc.
S71207-00-000
9/01
555
FIGURE
3-2: PROGRAM MEMORY ORGANIZATION FOR SST89E554RC AND SST89V554RC
3.2 Program Memory Block Switching
The program memory block switching feature of the device
allows either Block 1 or the lowest 8 KByte of Block 0 to be
used for the lowest 8 KByte of the program address space.
SFCF[1:0] controls program memory block switching.
555 ILL F03.2
External
64 KByte
EA# = 0
FFFFH
0000H
32 KByte
Block 0
EA# = 1
SFCF[1:0] = 10, 11
FFFFH
0000H
24 KByte
Block 0
8 KByte
Block 1
8 KByte
Block 1
EA# = 1
SFCF[1:0] = 00
FFFFH
2000H
7FFFH
8000H
DFFFH
E000H
DFFFH
E000H
7FFFH
8000H
0000H
1FFFH
External
24 KByte
8 KByte
Block 1
External
24 KByte
External
32 KByte
EA# = 1
SFCF[1:0] = 01
FFFFH
7FFFH
8000H
0000H
32 KByte
Block 0
TABLE
3-1: SFCF VALUES FOR PROGRAM MEMORY BLOCK SWITCHING FOR SST89E564RD/SST89V564RD
SFCF[1:0]
Program Memory Block Switching
01, 10, 11
Block 1 is not visible to the PC;
Block 1 is reachable only via In-Application Programming from 000H - 1FFFH.
00
Block 1 is overlaid onto the low 8K of the program address space; occupying address locations 0000H - 1FFFH.
When the PC falls within 0000H - 1FFFH, the instruction will be fetched from Block 1 instead of Block 0.
Outside of 0000H - 1FFFH, Block 0 is used. Locations 0000H - 1FFFH of Block 0 are reachable through
In-Application Programming.
T3-1.0 555


Similar Part No. - SST89E564RD

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-33-C-NI SST-SST89E564RD-33-C-NI Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-33-C-NJ SST-SST89E564RD-33-C-NJ Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-33-C-PI SST-SST89E564RD-33-C-PI Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-33-C-PJ SST-SST89E564RD-33-C-PJ Datasheet
1Mb / 86P
   FlashFlex51 MCU
More results

Similar Description - SST89E564RD

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com