Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65053-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65053-Q1
Description  5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65053-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65053-Q1 Datasheet HTML 5Page - Texas Instruments TPS65053-Q1 Datasheet HTML 6Page - Texas Instruments TPS65053-Q1 Datasheet HTML 7Page - Texas Instruments TPS65053-Q1 Datasheet HTML 8Page - Texas Instruments TPS65053-Q1 Datasheet HTML 9Page - Texas Instruments TPS65053-Q1 Datasheet HTML 10Page - Texas Instruments TPS65053-Q1 Datasheet HTML 11Page - Texas Instruments TPS65053-Q1 Datasheet HTML 12Page - Texas Instruments TPS65053-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
t − Time=40 s/div
m
CH4(ENLDO1,2,3)
CH1(VLDO1)
CH2(VLDO2)
CH3(VLDO3)
V =3.6V
T
=25 C
ILDO1/2/3/
I
A
o
=100mA
Mode=Low
CH3:VDCD2
CH4:VLDO1
CH1:EN_DCDC1/2,ENLDO1,Load=600mA
CH2:VDCDC1
V =3.6V,
T
=25°C,
VDCDC1=3.3V,
I
A
VDCDC2=1.5V,
Mode=low
t − Time=100 s/div
m
VDCDC1=3.3V
ENDCDC1=High
ENDCDC2=Low
LoadCurrent=60mA to540mA
CH1(VDCDC1)
CH2
I(DCDC1)
V =4.2V
T
=25 C
I
A
o
Mode=High
t − Time=100 s/div
m
VDCDC1=3.3V
ENDCDC1=High
ENDCDC2=Low
LoadCurrent=60mA to540mA
V =4.2V
T
=25 C
I
A
o
Mode=Low
CH1(VDCDC1)
CH2
I(DCDC1)
TPS65053-Q1
TPS650531-Q1
TPS650532-Q1
www.ti.com
SLVSAW1
– JUNE 2011
TYPICAL CHARACTERISTICS (continued)
DCDC1 STARTUP TIMING
LDO1 TO LDO3 STARTUP TIMING
Figure 7.
Figure 8.
DCDC1 LOAD TRANSIENT RESPONSE
DCDC1 LOAD TRANSIENT RESPONSE
Figure 9.
Figure 10.
Copyright
© 2011, Texas Instruments Incorporated
9


Similar Part No. - TPS65053-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053 TI-TPS65053 Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053 TI1-TPS65053 Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
TPS650531 TI1-TPS650531 Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
TPS650531RGER TI1-TPS650531RGER Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
More results

Similar Description - TPS65053-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050_07 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com