Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65300QRHFRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65300QRHFRQ1
Description  3-MHz Step-Down Regulator and Triple Linear Regulators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65300QRHFRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65300QRHFRQ1 Datasheet HTML 7Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 8Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 9Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 10Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 11Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 12Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 13Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 14Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
COMP
Network
GND
PH
BOOT
VIN
RT/CLK
SS
nRST
DELAY
VREG
IGN_EN
Buck Reg
Control
3.3V
Linear
Regulator
Control
Voltage Supervisor with
Reset delay
1.2V
3.3V
5V
3.3VSENSE
3.3VDRIVE
Wake Up
Error Amp
+
-
Ref
Internal Reg
BOOT_LDO
EN
OR
VREG
1.2VSENSE
1.2VDRIVE
VIN_D
2
4
9
5
8
20
6
12
21
23
16
17
10
18
19
VSENSE
COMP
15
22
14
1
3
+
-
0.8V
Regulator
Control
+
-
0.8V
1.2V Linear
Regulator
Control
+
-
0.8V
PGND
24
-
+
BG Ref
TPS65300-Q1
www.ti.com
SLVSBB6B – MARCH 2012 – REVISED APRIL 2012
INTERNAL FUNCTIONAL BLOCKS
Figure 17. Internal Functional Blocks
PIN FUNCTIONS
Buck Supply, VIN_D
This is an input power source for the internal high-side MOSFET of the switch-mode power supply.
Phase Node for Buck Regulator, PH
This terminal provides the floating voltage reference for the internal drive circuitry.
Bootstrap, BOOT
The ceramic capacitor on this pin acts a as a voltage supply for the internal high-side MOSFET gate-drive
circuitry. The capacitor connects between the BOOT and PH terminals. Operating with a duty cycle of 100%
automatically reduces the duty cycle to approximately 95% on every fifth cycle to allow this capacitor to recharge.
Voltage-Sense Node, VSENSE
An internal resistor between VREG and this pin and another internal resistor between this pin and ground form
the voltage-sense network. This terminal is the inverting input for the error amplifier of the control loop. This input
is compared to an internal reference of 2 V for the control circuitry.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS65300-Q1


Similar Part No. - TPS65300QRHFRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65301-Q1 TI1-TPS65301-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz Step-Down Regulator and Triple Linear Regulators and Protected Sensor Supply
TPS65301QPWPQ1 TI1-TPS65301QPWPQ1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz Step-Down Regulator and Triple Linear Regulators and Protected Sensor Supply
TPS65301QPWPRQ1 TI1-TPS65301QPWPRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz Step-Down Regulator and Triple Linear Regulators and Protected Sensor Supply
More results

Similar Description - TPS65300QRHFRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65301-Q1 TI1-TPS65301-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz Step-Down Regulator and Triple Linear Regulators and Protected Sensor Supply
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Texas Instruments
LM3686 TI1-LM3686_14 Datasheet
2Mb / 28P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
   Triple Output Step-Down Switching Regulator
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
   Triple Output Step-Down Switching Regulator
A4491EESTR-T ALLEGRO-A4491EESTR-T Datasheet
397Kb / 16P
   Triple Output Step-Down Switching Regulator
logo
Linear Technology
LTC3545 LINER-LTC3545 Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
LT3507 LINER-LT3507 Datasheet
341Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
   Triple Monolithic Step-Down Regulator with LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com