Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL410 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # KBL410
Description  Single Phase 4.0AMP. Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

KBL410 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  KBL410 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd KBL410 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
KBL
Features
UL Recognized File # E-96005
Ideal for printed circuit board
Reliable low cost construction
High surge current capability
High temperature soldering guaranteed:
260 oC / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Leads solderable per MIL-STD-202, Method
208
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA = 50
oC
I(AV)
4.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage
@ 2.0A
@ 4.0A
VF
1.0
1.1
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
500
uA
uA
Typical thermal Resistance
( Note 1 )
RθJA
RθJL
19
2.4
oC/W
Operating Temperature Range
TJ
-55 to +125
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Note: Thermal Resistance from Junction to Ambient Junction to Lead with units Mounted on
P.C.B. at 0.375” (9.5mm) Lead Length and 0.6” x 0.6” (16mm x 16mm) Copper Pads.
KBL4005-KBL410
Single Phase 4.0AMP. Silicon Bridge Rectifiers
KBL
4005
KBL
401
KBL
402
KBL
410
KBL
408
KBL
406
KBL
404
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - KBL410

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBL410 WTE-KBL410 Datasheet
33Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBL410 JUXING-KBL410 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Kwang Myoung I.S. CO.,L...
KBL410 KISEMICONDUCTOR-KBL410 Datasheet
74Kb / 2P
   4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kingtronics Internation...
KBL410 KINGTRONICS-KBL410 Datasheet
334Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Jinan Gude Electronic D...
KBL410 JGD-KBL410 Datasheet
137Kb / 2P
   SINGLE PHASE 4.0 AMPS. SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBL410

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KBL401 LUGUANG-KBL401 Datasheet
219Kb / 2P
   Single Phase 4.0AMP. Silicon Bridge Rectifiers
KBL401G LUGUANG-KBL401G Datasheet
222Kb / 2P
   Single Phase 4.0AMP. Glass Passivated Bridge Rectifiers
logo
DIYI Electronic Technol...
UG4KB05G DYELEC-UG4KB05G_17 Datasheet
1Mb / 3P
   SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE
UG4KB05 DYELEC-UG4KB05 Datasheet
413Kb / 2P
   SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG4KB05G DYELEC-UG4KB05G Datasheet
441Kb / 2P
   SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP4005G SMCDIODE-KBP4005G Datasheet
317Kb / 5P
   SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
logo
SeCoS Halbleitertechnol...
S4GBU20 SECOS-S4GBU20_15 Datasheet
232Kb / 2P
   4.0Amp Glass Passivited Bridge Rectifiers
S4GBU20-C SECOS-S4GBU20-C Datasheet
232Kb / 2P
   4.0Amp Glass Passivited Bridge Rectifiers
GBLL4005 SECOS-GBLL4005 Datasheet
256Kb / 2P
   4.0Amp Low VF Bridge Rectifiers
GBU4005 SECOS-GBU4005_18 Datasheet
376Kb / 2P
   4.0Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com