Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65562 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65562
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65562 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65562 Datasheet HTML 1Page - Texas Instruments TPS65562 Datasheet HTML 2Page - Texas Instruments TPS65562 Datasheet HTML 3Page - Texas Instruments TPS65562 Datasheet HTML 4Page - Texas Instruments TPS65562 Datasheet HTML 5Page - Texas Instruments TPS65562 Datasheet HTML 6Page - Texas Instruments TPS65562 Datasheet HTML 7Page - Texas Instruments TPS65562 Datasheet HTML 8Page - Texas Instruments TPS65562 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
QFNPACKAGE
(TOP VIEW)
16 15 14 13
12
11
10
9
5
6
7
8
1
2
3
4
PGND
PGND
CHG
XFULL
SW
SW
VCC
F_ON
Power
PAD
TPS65562
SLVS775 – JUNE 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
SW
1, 2
O
Primary side switch. Connect SW to the switched side of the transformer
Power supply input. Connect VCC to an input supply from 2.7 V to 4.0 V. Bypass VCC to GND
VCC
3
I
with a 1
μF ceramic capacitor as close as possible to the IC.
G_IGBT control input. Drives F_ON with the flash discharge signal. A logic high on F_ON drives
F_ON
4
I
G_IGBT high when CHG is Low. See the IGBT driver control section for details.
Primary side Peak current control input. The voltage at I_PEAK sets the peak current into SW.
I_PEAK
5
I
See the Programming Peak Current section for details on selecting VI_PEAK.
G_IGBT
6
O
IGBT gate driver output. G_IGBT swings from PGND to VCC to drive external IGBT devices.
NC
7, 13, 16
No internal connection
Power supply input for IGBT Driver output. Connect IGBT_VCC to an input supply from 2.7 V to
IGBT_VCC
8
I
5.5 V.
Charge completion indicator output. XFULL is an open-drain output that pulls low once the output
XFULL
9
O
is fully charged. XFULL is high impedance during charging and all fault conditions. XFULL is reset
when CHG turns Low from High. See the Indicating Charging status section for details.
Charge control input. Drive CHG high to initiate charging of the output. Drive CHG low to
CHG
10
I
terminate charging.
PGND
11, 12
Power ground. Connect to the ground plane.
TEST_GND
14
Used by TI, should be connected to PGND and ground plane.
Battery voltage monitor input. Connect VBAT to an input supply from 1.6 V to 12 V. Bypass VBAT
to GND with a 10
μF ceramic capacitor (C1 in Figure 1 as close as possible to the battery) and a
VBAT
15
I
1
μF ceramic capacitor (C2 in Figure 1, as close as possible to the IC). It is no problem to input
VBAT before VCC input.
4
Submit Documentation Feedback


Similar Part No. - TPS65562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Sumida Corporation
TPS65560 SUMIDA-TPS65560 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
logo
Texas Instruments
TPS65560RGT TI-TPS65560RGT Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560RGTR TI-TPS65560RGTR Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560RGTRG4 TI-TPS65560RGTRG4 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results

Similar Description - TPS65562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com