Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65921 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65921
Description  Power Management and USB Single Chip
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65921 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 6Page - Texas Instruments TPS65921 Datasheet HTML 7Page - Texas Instruments TPS65921 Datasheet HTML 8Page - Texas Instruments TPS65921 Datasheet HTML 9Page - Texas Instruments TPS65921 Datasheet HTML 10Page - Texas Instruments TPS65921 Datasheet HTML 11Page - Texas Instruments TPS65921 Datasheet HTML 12Page - Texas Instruments TPS65921 Datasheet HTML 13Page - Texas Instruments TPS65921 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
TPS65921
SWCS048F – MARCH 2010 – REVISED MARCH 2012
www.ti.com
VIO DCDC CONVERTER
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
Input voltage range
2.7
3.6
4.5
V
1.8
Output voltage(1)
V
1.85
DC accuracy only
–3%
3%
Including all variations (line and load
Output accuracy
regulations, line and load transients,
–4%
4%
temperature, and process)
Switching frequency
3.2
MHz
IO = 10 mA, sleep
85%
Conversion efficiency(2)
100 mA < IO < 400 mA
85%
400 mA < IO < 600 mA
80%
On mode
700
mA
Output current
Sleep mode
10
mA
Off at 30°C
1
Ground current (IQ)
Sleep, unloaded
30
50
µA
Active, unloaded, not switching
300
Load regulation
0 < IO < IMAX
20
mV
Line regulation
10
mV
IO = 10 mA to (IMAX/3) + 10 mA,
Transient load regulation
–65
50
mV
maximum slew rate is IMAX/3/100 ns
300 mVPP ac input, 10-μs rise and fall
Transient line regulation
10
mV
time
Start-up time
0.25
1
ms
Recovery time
From sleep to on with constant load
< 10
100
µs
Slew rate (rising or falling)
4
8
16
mV/µs
Active (PWM and PSM)
–10
10
mV
Output ripple
Sleep (PFM)
–2%
2%
Current limit for PWM/PSM mode
switch. PSM is below this limit, and
Active mode
150
200
mA
PWM is above this limit.
Overshoot
Softstart
5%
Output pulldown resistance
In Off mode
500
700
Ω
(1)
This voltage is tuned according to the platform and transient requirements.
(2)
VBAT = 3.8 V, VIO = 1.8 V, Fs = 3.2 MHz, L = 1
μH, LDCR = 100 mΩ, C = 10 μF, ESR = 10 mΩ
10
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS65921


Similar Part No. - TPS65921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65921 TI-TPS65921 Datasheet
737Kb / 66P
[Old version datasheet]   TPS65921 Power Management and USB Single Chip
TPS65921B1ZBHR TI-TPS65921B1ZBHR Datasheet
737Kb / 66P
[Old version datasheet]   TPS65921 Power Management and USB Single Chip
TPS65921B1ZQZR TI-TPS65921B1ZQZR Datasheet
737Kb / 66P
[Old version datasheet]   TPS65921 Power Management and USB Single Chip
TPS65921BZBHR TI-TPS65921BZBHR Datasheet
737Kb / 66P
[Old version datasheet]   TPS65921 Power Management and USB Single Chip
TPS65921BZQZR TI-TPS65921BZQZR Datasheet
737Kb / 66P
[Old version datasheet]   TPS65921 Power Management and USB Single Chip
More results

Similar Description - TPS65921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65921 TI-TPS65921_V01 Datasheet
737Kb / 66P
[Old version datasheet]   TPS65921 Power Management and USB Single Chip
logo
Nanjing Qinheng Microel...
CH5260 WCH-CH5260 Datasheet
139Kb / 3P
   USB HIgh-Power Power Management SIngle-Channel Machine
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
   USB peripheral Power Management
logo
Texas Instruments
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com