Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS68401 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS68401
Description  MULTIFUNCTION 3-CHANNEL LED DRIVERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS68401 Datasheet(HTML) 5 Page - Texas Instruments

  TPS68401 Datasheet HTML 1Page - Texas Instruments TPS68401 Datasheet HTML 2Page - Texas Instruments TPS68401 Datasheet HTML 3Page - Texas Instruments TPS68401 Datasheet HTML 4Page - Texas Instruments TPS68401 Datasheet HTML 5Page - Texas Instruments TPS68401 Datasheet HTML 6Page - Texas Instruments TPS68401 Datasheet HTML 7Page - Texas Instruments TPS68401 Datasheet HTML 8Page - Texas Instruments TPS68401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TPS68401, TPS68402
www.ti.com
SLVSA68A – MARCH 2010 – REVISED JANUARY 2011
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VOUT VDD (unregulated input battery voltage)
-0.3 to 6
V
INT, GPO, R, G, B, CFLY1N,
CFLY1P, CFLY2N, CFLY2P,
-0.3 to VDD+0.3
Input/Output voltage range (with respect to PGND)
V
ADDR_SEL0, ADDR_SEL1
(6.0 max)
SDA, SCL, EN, TRIG, CLK32K
qJA
Junction-to-ambient thermal resistance
100
°C/W
PD
Continuous power dissipation
Internally limited
W
TJ
Operating junction temperature
-30 to 125
°C
Tstg
Storage temperature
-65 to 150
°C
(HBM) Human body model
±2000
ESD rating
V
(CDM) Charged device model
±100
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Unregulated input battery voltage
2.7
3.6
5.5
V
INT, GPO,
ADDR_SEL0,
0
5.5
V
ADDR_SEL1
SDA, SCL, EN,
0
1.8
V
TRIG
CLK_32K
External clock frequency
16
32
64
kHz
TA
Operating ambient temperature
-30
85
°C
Flying capacitor
0.47
mF
Input capacitor (VDD)
1
mF
Output capacitor (VOUT)
1
mF
SCA, SDA pull-up resistor value
10
k
Ω
INT pull-up resistor value
10
k
Ω
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS68401 TPS68402


Similar Part No. - TPS68401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS68470 TI1-TPS68470 Datasheet
1Mb / 105P
[Old version datasheet]   Power Management Unit with LED Flash Driver and Reference Clock Generation for Compact Camera Module (CCM) Applications
TPS68470YFFR TI1-TPS68470YFFR Datasheet
1Mb / 105P
[Old version datasheet]   Power Management Unit with LED Flash Driver and Reference Clock Generation for Compact Camera Module (CCM) Applications
TPS68470YFFT TI1-TPS68470YFFT Datasheet
1Mb / 105P
[Old version datasheet]   Power Management Unit with LED Flash Driver and Reference Clock Generation for Compact Camera Module (CCM) Applications
More results

Similar Description - TPS68401

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7611FV ROHM-BH7611FV Datasheet
376Kb / 6P
   Multifunction 3 Outputs Video Drivers
BH7612FV ROHM-BH7612FV Datasheet
337Kb / 6P
   Multifunction 3 Outputs Video Drivers
BU97930MUV ROHM-BU97930MUV Datasheet
546Kb / 24P
   Multifunction Segment Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
Microchip Technology
CAP1133 MICROCHIP-CAP1133 Datasheet
931Kb / 63P
   3 Channel Capacitive Touch Sensor with 3 LED Drivers
01/27/15
logo
Shanghai awinic technol...
AW2015 AWINIC-AW2015 Datasheet
1Mb / 35P
   3 Channel LED Drivers with Auto Charging Indication
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
Rohm
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6081GU ROHM-BD6081GU_11 Datasheet
616Kb / 36P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
logo
SiGe Semiconductor, Inc...
AATIAN69 SIGE-AATIAN69 Datasheet
1Mb / 4P
   Low-Cost, 2/3-Channel Charge-Pump LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com