Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS68401 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS68401
Description  MULTIFUNCTION 3-CHANNEL LED DRIVERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS68401 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS68401 Datasheet HTML 5Page - Texas Instruments TPS68401 Datasheet HTML 6Page - Texas Instruments TPS68401 Datasheet HTML 7Page - Texas Instruments TPS68401 Datasheet HTML 8Page - Texas Instruments TPS68401 Datasheet HTML 9Page - Texas Instruments TPS68401 Datasheet HTML 10Page - Texas Instruments TPS68401 Datasheet HTML 11Page - Texas Instruments TPS68401 Datasheet HTML 12Page - Texas Instruments TPS68401 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
VDD [V]
3.0
5.5
4.5
5.5
TPS68401, TPS68402
www.ti.com
SLVSA68A – MARCH 2010 – REVISED JANUARY 2011
Figure 2. Charge Pump Output Voltage
LED DRIVER OPERATIONAL DESCRIPTION
The TPS68401/TPS68402 has three independent constant current LED drivers with 8-bit PWM control. Output
current is programmed through the I2C register and ranges from 0 mA to 25.5 mA with 8-bit resolution. PWM
duty cycle is controlled either by program instructions or R/G/B PWM registers. Green and blue channels are
always connected to the charge pump output VOUT. The red channel is connected to either VOUT or VDD
depending on R_TO_BAT bit setting of the CONFIG register. If red channel is connected to VDD, automatic
charge pump gain control is not used for this output. Connecting the red channel to VDD provides better efficiency
when driving LEDs with low VF or the supply voltage is high enough to drive a LED with high VF.
PWM frequency is either 256 Hz or 558 Hz and is selected through PWM_HF bit in the CONFIG register. Linear
and logarithmic PWM duty-cycle-to-input response is selectable through the LOG_EN bit of the ENABLE register.
LOG_EN bit controls PWM response for all three channels. Logarithmic response is approximated by
piece-wise-linear function as shown below.
When the external clock source is selected for driving the PWM, PWM frequency scales with the external clock
frequency. Nominal 256-Hz PWM frequency requires external clock frequency of 32.768 kHz.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS68401 TPS68402


Similar Part No. - TPS68401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS68470 TI1-TPS68470 Datasheet
1Mb / 105P
[Old version datasheet]   Power Management Unit with LED Flash Driver and Reference Clock Generation for Compact Camera Module (CCM) Applications
TPS68470YFFR TI1-TPS68470YFFR Datasheet
1Mb / 105P
[Old version datasheet]   Power Management Unit with LED Flash Driver and Reference Clock Generation for Compact Camera Module (CCM) Applications
TPS68470YFFT TI1-TPS68470YFFT Datasheet
1Mb / 105P
[Old version datasheet]   Power Management Unit with LED Flash Driver and Reference Clock Generation for Compact Camera Module (CCM) Applications
More results

Similar Description - TPS68401

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7611FV ROHM-BH7611FV Datasheet
376Kb / 6P
   Multifunction 3 Outputs Video Drivers
BH7612FV ROHM-BH7612FV Datasheet
337Kb / 6P
   Multifunction 3 Outputs Video Drivers
BU97930MUV ROHM-BU97930MUV Datasheet
546Kb / 24P
   Multifunction Segment Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
Microchip Technology
CAP1133 MICROCHIP-CAP1133 Datasheet
931Kb / 63P
   3 Channel Capacitive Touch Sensor with 3 LED Drivers
01/27/15
logo
Shanghai awinic technol...
AW2015 AWINIC-AW2015 Datasheet
1Mb / 35P
   3 Channel LED Drivers with Auto Charging Indication
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
Rohm
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6081GU ROHM-BD6081GU_11 Datasheet
616Kb / 36P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
logo
SiGe Semiconductor, Inc...
AATIAN69 SIGE-AATIAN69 Datasheet
1Mb / 4P
   Low-Cost, 2/3-Channel Charge-Pump LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com