Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD555A1AFV-E2 Datasheet(PDF) 9 Page - Rohm

Part # BD555A1AFV-E2
Description  Electrolytic Capacitor Free Buck Converter LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD555A1AFV-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BD555A1AFV-E2 Datasheet HTML 5Page - Rohm BD555A1AFV-E2 Datasheet HTML 6Page - Rohm BD555A1AFV-E2 Datasheet HTML 7Page - Rohm BD555A1AFV-E2 Datasheet HTML 8Page - Rohm BD555A1AFV-E2 Datasheet HTML 9Page - Rohm BD555A1AFV-E2 Datasheet HTML 10Page - Rohm BD555A1AFV-E2 Datasheet HTML 11Page - Rohm BD555A1AFV-E2 Datasheet HTML 12Page - Rohm BD555A1AFV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9/15
Datasheet
BD555A1AFV
TSZ02201-0F2F0C300010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
03.AUG.2012 Rev.001
www.rohm.com
TSZ22111
15
001
Typical Performance Curves
Fig.11 Current Consumption1
Fig.12 Current Consumption.2
Fig.13 VDD2 Voltage
Fig.14 Switching Frequency
-40
25
150
-40
25
150
-40
25
150


Similar Part No. - BD555A1AFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
   BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
BD555BKFV ROHM-BD555BKFV Datasheet
592Kb / 16P
   AC/DC Controller IC
BD555BKFV-E2 ROHM-BD555BKFV-E2 Datasheet
737Kb / 13P
   BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
BD555BKFV-E2 ROHM-BD555BKFV-E2 Datasheet
592Kb / 16P
   AC/DC Controller IC
BD555BKFV ROHM-BD555BKFV_13 Datasheet
592Kb / 16P
   AC/DC Controller IC
More results

Similar Description - BD555A1AFV-E2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
   Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
logo
Alpha & Omega Semicondu...
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
   1.2A Buck LED Driver
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
   Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
   Buck-boost LED driver
logo
SYNC POWER Crop.
SP2260 SYNC-POWER-SP2260 Datasheet
267Kb / 7P
   60V Buck LED Driver
logo
Alpha & Omega Semicondu...
AOZ1084 AOSMD-AOZ1084 Datasheet
943Kb / 12P
   1.2A Buck LED Driver
Rev. 1.0 June 2015
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
logo
AIMTEC
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ Datasheet
646Kb / 9P
   LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com